Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KNC500HB-AX-R033AA Datasheet(PDF) 2 Page - VITROHM

Part # KNC500HB-AX-R033AA
Description  Power Shunt Resistor | Axial | Low Inductance and Low Ohmic | Ceramic case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

KNC500HB-AX-R033AA Datasheet(HTML) 2 Page - VITROHM

  KNC500HB-AX-R033AA Datasheet HTML 1Page - VITROHM KNC500HB-AX-R033AA Datasheet HTML 2Page - VITROHM KNC500HB-AX-R033AA Datasheet HTML 3Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KNC Series Datasheet
2
Type
KNC500
KNC600
KNC800
KNC900
KNC10A
Historical Part Number
KN350 - 8
KN351 - 8
KN352 - 8
KN353 - 8
KN354 - 8
Derating Linear
[°C]
70…250 (0W)
Climatic Category
55/200/56
Failure Rate
(Total
, ϑ
0 , max, 60[%] cont. lev.)
[10-9* h-1]
appr. 10 depends on value
Endurance
IEC60115-1 clause 4.25
(P70, @ 70[°C], 1000[h])
±[%]
3
Damp Heat, Steady State
IEC60115-1 clause 4.24
(40[°C], 93[% r.h.], 56[d])
±[%]
0,5
Climatic Sequence
IEC60115-1 clause 4.23
±[%]
0,5
Resistance to Soldering Heat
IEC60115-1 clause 4.18
(260±5[°C], 3,5±1[s])
±[%]
0,2
Terminal Strength
±[%]
0,5
Terminal Tensile Strength
[N]
≥ 25
Solderability
IEC60068-2-20
(245±5[ºC] 3±0,5[s])
Solder bath method (> 95% coverage)
Marking
IEC60062
Printed in clear
Nominal Power Rating [W]
New P/Nr.
Type
Historical
P/Nr:
Resistance
Value
Rated Power
[W] P70ºC
KNC450
KN350 - 8
0R003
4,5
KNC500
0R004 … 0R051
5,0
KNC600
KN351- 8
0R004 … 0R068
6,0
KNC800
KN352 - 8
0R005 … 0R1
8,0
KNC900
KN353 - 8
0R004 … 0R068
9,0
KNC10A
KN354 - 8
0R005 … 0R1
10,0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com