Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KNC800HB-AX-R047AA Datasheet(PDF) 1 Page - VITROHM

Part # KNC800HB-AX-R047AA
Description  Power Shunt Resistor | Axial | Low Inductance and Low Ohmic | Ceramic case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

KNC800HB-AX-R047AA Datasheet(HTML) 1 Page - VITROHM

  KNC800HB-AX-R047AA Datasheet HTML 1Page - VITROHM KNC800HB-AX-R047AA Datasheet HTML 2Page - VITROHM KNC800HB-AX-R047AA Datasheet HTML 3Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
KNC Series Datasheet
Power Shunt Resistor | Axial | Low Inductance and Low Ohmic | Ceramic case
Measuring length L2: Resistance value is measured over the centered length L2 on terminals free of oxide and
contaminations. Differing conditions require adequate corrections (Rterminal = 0,4 mΩ/cm).
Type
KNC500
KNC600
KNC800
KNC900
KNC10A
Historical Part Number
KN350 - 8
KN351 - 8
KN352 - 8
KN353 - 8
KN354 - 8
Nominal Power Rating P70
[W]
See next page
Resistance Range
(Other values upon request)
[Ω]
Min.
0R003
0R004
0R005
0R004
0R005
Max.
0R051
0R068
0R1
0R068
0R1
E-Series (preferred)
E24 >0R01 (Other upon request)
Tolerances
±[%]
F = 1% ; G = 2% ; H = 3% ; J = 5%
Temperature Coefficient
±[10-6*K-1]
+200 … +1200 (Depends on value)
Working Temperature Range
[ºC]
-55 … +250
Thermal Resistance
[KW-1]
65
50
38
20
18
Insulation Resistance
IEC60115-1 clause 4.6
[MΩ]
> 104
Max. Working Voltage
[V]RMS
Dielectric Withstanding Voltage
IEC60115-1 clause 4.7 (1[min])
[V]RMS
2000
New P/Nr.
Type
Historical
P/N:
L1
L2
KNC500
KN350 - 8
18 ±1,0
40
KNC600
KN351 - 8
25 ±1,0
45
KNC800
KN352 - 8
38 ±1,0
60
KNC900
KN353 - 8
25 ±1,0
45
KNC10A
KN354 - 8
38 ±1,0
60
New SAP Part Nr.:
KNC
600
J
B
-
AX-
0R056
AA
Serie
Power rating
Tol.
Pack-Code
TCR
Forming type
R Value
Special
F = ±1%
G = ±2%
H = ±3%
J = ±5%
B = Bulk
R = Tape Reel
- Base on
spec.
AX- = Axial
73- Inner Taping
dimension
or
83- Inner Taping
dimension
AA =
Standard
Historical VTM Part Nr.:
KN351 – 8
5
B
0R056
Type
Tol.
Pack-Code
R Value
All welded construction
Very low inductance
High power to size ratio
Good overload and heat dissipation capability
Bending options available
RoHS & REACH Compliant
KNC500...KNC800 KNC900…KNC10A
Automotive
Industrial
Power & Energy


Similar Part No. - KNC800HB-AX-R047AA

ManufacturerPart #DatasheetDescription
logo
VITROHM
KNC800 VITROHM-KNC800 Datasheet
539Kb / 3P
Power Shunt Resistor
Revision: 202203
More results

Similar Description - KNC800HB-AX-R047AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSR37 ETC1-LSR37 Datasheet
208Kb / 8P
Low ohmic surge resistor
logo
TAITRON Components Inco...
RL1206J TAITRON-RL1206J Datasheet
452Kb / 8P
Thick Film Chip Resistor Low Ohmic
RL1210J TAITRON-RL1210J Datasheet
452Kb / 8P
Thick Film Chip Resistor Low Ohmic
RL2512J TAITRON-RL2512J Datasheet
451Kb / 8P
Thick Film Chip Resistor Low Ohmic
logo
Vishay Siliconix
VS-GB300LH120N VISHAY-VS-GB300LH120N Datasheet
164Kb / 7P
Low inductance case
12-Jun-15
logo
Rohm
GMR ROHM-GMR Datasheet
917Kb / 8P
High power low ohmic chip shunt resistors
logo
Token Electronics Indus...
LRP TOKEN-LRP Datasheet
726Kb / 8P
Metal Strip Chip High Power Low Ohmic Resistor
logo
Rohm
PSR350 ROHM-PSR350 Datasheet
988Kb / 7P
High power metal plate shunt resistors
2023.2 - Rev.001
logo
List of Unclassifed Man...
KHS ETC-KHS Datasheet
618Kb / 4P
Power Wirewound Resistor | Axial | Fiber glass core | ceramic case
logo
Rohm
PSR ROHM-PSR_V01 Datasheet
1Mb / 17P
High power metal plate shunt resistors
2023.2 - Rev.012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com