Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRI0041 Datasheet(PDF) 1 Page - DFROBOT

Part # DRI0041
Description  7A Dual DC Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0041 Datasheet(HTML) 1 Page - DFROBOT

  DRI0041 Datasheet HTML 1Page - DFROBOT DRI0041 Datasheet HTML 2Page - DFROBOT DRI0041 Datasheet HTML 3Page - DFROBOT DRI0041 Datasheet HTML 4Page - DFROBOT DRI0041 Datasheet HTML 5Page - DFROBOT DRI0041 Datasheet HTML 6Page - DFROBOT DRI0041 Datasheet HTML 7Page - DFROBOT DRI0041 Datasheet HTML 8Page - DFROBOT DRI0041 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
7A Dual DC Motor Driver
SKU: DRI0041
 
 
Introduction
This is an ultra small Dual DC motor driver for some room limited projects. UVLO (Under Voltage
Latch-Out) features a safe guard for your system. It is very considerate to own an Photo Coupler
isolation for all the signals in case of that the motor's Reverse Current would interfere the control
signals. Besides all, all the interfaces includes ESD (electro-static discharge) protection.


Similar Part No. - DRI0041

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DRI0042 DFROBOT-DRI0042 Datasheet
392Kb / 7P
15A Single DC Motor Driver
6-7-17
DRI0043 DFROBOT-DRI0043 Datasheet
434Kb / 2P
TB6600 Stepper Motor Driver
DRI0044 DFROBOT-DRI0044 Datasheet
406Kb / 5P
2x1.2A DC Motor Driver (TB6612FNG)
4-3-18
More results

Similar Description - DRI0041

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
Integrated Circuit Dual, DC Motor Driver
logo
Toshiba Semiconductor
TA8082H TOSHIBA-TA8082H Datasheet
217Kb / 6P
DUAL DC MOTOR DRIVER
TA8083F TOSHIBA-TA8083F Datasheet
382Kb / 9P
DUAL DC MOTOR DRIVER
TA8083P TOSHIBA-TA8083P Datasheet
324Kb / 8P
DUAL DC MOTOR DRIVER
logo
List of Unclassifed Man...
WT7012 ETC-WT7012 Datasheet
69Kb / 3P
DUAL MOTOR DRIVER AND DC-DC CONVERTER
logo
Toshiba Semiconductor
TD62917H TOSHIBA-TD62917H Datasheet
329Kb / 9P
DUAL DC MOTOR DRIVER
TB6612FNG TOSHIBA-TB6612FNG Datasheet
587Kb / 11P
Driver IC for Dual DC motor
logo
SHENZHEN FUMAN ELECTRON...
FM1919 FUMAN-FM1919 Datasheet
379Kb / 5P
Dual channel DC motor driver
logo
Shenzhen Huazhimei Semi...
HM2540C HMSEMI-HM2540C Datasheet
446Kb / 5P
Dual channel DC motor driver
logo
STMicroelectronics
STSPIN840 STMICROELECTRONICS-STSPIN840 Datasheet
720Kb / 28P
Compact dual brushed DC motor driver
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com