Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS2-117RH/PROTO Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HS2-117RH/PROTO
Description  Radiation Hardened Adjustable Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS2-117RH/PROTO Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HS2-117RH/PROTO Datasheet HTML 6Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 7Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 8Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 9Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 10Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 11Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 12Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 13Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HS-117RH, HS-117EH
FN4560 Rev.11.01
Page 10 of 15
Aug 12, 2025
When developing circuits using the HS-117, test thermal
performance and limitations to ensure acceptable performance.
As with all tabbed packaged devices, flange mounting to a
thermal heat-sink is recommended for the TO-257AA best
practices.
T0-257AA Package
Characteristics
Weight of Packaged Device
4.50g (Typical)
Case Characteristics
Finish: Gold
Potential: Unbiased
T0-39 Package Characteristics
Weight of Packaged Device
0.91g (Typical)
Case Characteristics
Finish: Steel, Gold
Potential: Unbiased
SMD.5 CLCC Package
Characteristics
Weight of Packaged Device
0.91g (Typical)
Case Characteristics
Finish: Gold, Ceramic
Potential: Unbiased
Die Characteristics
Die Dimensions
2616µm x 2794µm (103 mils x 110 mils)
Thickness: 483µm ±25µm (19 mils ±1 mil)
Interface Materials
GLASSIVATION
Type: PSG
Thickness: 8kÅ ± 1kÅ
TOP METALLIZATION
Type: Al/Cu/Si (98.75%/0.5%/0.75%)
Thickness: 16kÅ
BACKSIDE FINISH
Gold
Assembly Related Information
SUBSTRATE POTENTIAL
Unbiased (DI)
Additional Information
WORST CASE CURRENT DENSITY
< 2 x 105 A/cm2
PROCESS
Dielectrically Isolated RH - Si-GATE
TRANSISTOR COUNT:
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com