Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2925 Datasheet(PDF) 8 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 4Page - Texas Instruments REF2925 Datasheet HTML 5Page - Texas Instruments REF2925 Datasheet HTML 6Page - Texas Instruments REF2925 Datasheet HTML 7Page - Texas Instruments REF2925 Datasheet HTML 8Page - Texas Instruments REF2925 Datasheet HTML 9Page - Texas Instruments REF2925 Datasheet HTML 10Page - Texas Instruments REF2925 Datasheet HTML 11Page - Texas Instruments REF2925 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
(1)
Ideal input span, does not include gain or offset error.
(2)
Specified for VCM = VREF / 2; see the Analog Input section for the effect of VCM on the full-scale input range.
(3)
LSB = least significant bit. 1 LSB at 18-bits is approximately 3.8 ppm.
(4)
This parameter is the endpoint INL, not best-fit.
(5)
Measured relative to actual measured reference.
8.5 Electrical Characteristics
All minimum and maximum specifications are at AVDD = 3 V, DVDD = 3 V, VREF = 5 V, VCM = VREF / 2 V,
and fSAMPLE = 1 MSPS, over the operating free-air temperature range, unless otherwise noted.
Typical specifications are at TA = 25°C, AVDD = 3 V, and DVDD = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input span(1)(2)
AINP – AINN
–VREF
VREF
V
Operating input range(1)(2)
AINP
–0.1
VREF + 0.1
V
AINN
–0.1
VREF + 0.1
VCM
Input common-mode range
0
VREF / 2
VREF
V
CI
Input capacitance
AINP and AINN terminal to GND
59
pF
EXTERNAL REFERENCE INPUT
VREF
Input range
ADS8881C
3
5
V
ADS8881I
2.5
5
Reference input current
During conversion, 1-MHz sample rate, mid-
code
300
μA
Reference leakage current
250
nA
CREF
Decoupling capacitor at the
REF input
10
22
µF
Input leakage current
During acquisition for dc input
5
nA
SYSTEM PERFORMANCE
Resolution
18
Bits
NMC
No missing codes
18
Bits
DNL
Differential linearity
ADS8881C
–0.99
±0.6
1
LSB(3)
ADS8881I
–0.99
±0.7
1.5
INL
Integral linearity(4)
ADS8881C
–2
±1.2
2
LSB(3)
ADS8881I
–3
±1.5
3
EO
Offset error(5)
–4
±1
4
mV
Offset error drift with
temperature
±1.5
µV/°C
EG
Gain error
–0.01
±0.005
0.01
%FSR
Gain error drift with
temperature
±0.15
ppm/°C
CMRR
Common-mode rejection
ratio
90
100
dB
PSRR
Power-supply rejection ratio
At mid-code
80
dB
Transition noise
0.7
LSB
SAMPLING DYNAMICS
tconv
Conversion time
500
710
ns
tACQ
Acquisition time
290
ns
Maximum throughput rate
with or without latency
1000
kHz
Aperture delay
4
ns
Aperture jitter, RMS
5
ps
Step response
Settling to 18-bit accuracy
290
ns
Overvoltage recovery
Settling to 18-bit accuracy
290
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com