Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1783Q Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL1783Q
Description  55V THREE-CHANNEL PWM LINEAR LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1783Q Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL1783Q Datasheet HTML 3Page - Diodes Incorporated AL1783Q Datasheet HTML 4Page - Diodes Incorporated AL1783Q Datasheet HTML 5Page - Diodes Incorporated AL1783Q Datasheet HTML 6Page - Diodes Incorporated AL1783Q Datasheet HTML 7Page - Diodes Incorporated AL1783Q Datasheet HTML 8Page - Diodes Incorporated AL1783Q Datasheet HTML 9Page - Diodes Incorporated AL1783Q Datasheet HTML 10Page - Diodes Incorporated AL1783Q Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AL1783Q
Document number: DS46208 Rev. 1 - 2
7 of 14
www.diodes.com
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL1783Q
Typical Performance Characteristics (@TA = +25°C, VIN = 12V, RREF = 48kΩ, ILED = 125mA, unless otherwise specified.)
(continued)
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Temperature('C)
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
Temperature('C)
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130
100
105
110
115
120
125
130
135
140
145
150
Temperature('C)
VIN UVLO Voltage vs. Temperature
LED Current vs. Temperature
Minimum LED Voltage vs. LED Regulation Current
LED Current vs. RREF
Temperature (°C)
Temperature (°C)
LED Current vs. VLED Voltage
Temperature (°C)
Minimum LED Voltage vs. Temperature
(RREF = 48kΩ, ILED = 125mA)
0
20
40
60
80
100
120
140
160
180
200
220
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
RREF (Kohm)
20
40
60
80
100 120 140 160 180 200 220 240 260 280 300
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ILED (mA)
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
0
25
50
75
100
125
150
175
200
225
250
275
300
VLED (V)
ILEDX=250mA
ILEDX=125mA
ILEDX=50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com