Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL58263 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 9Page - Diodes Incorporated AL58263 Datasheet HTML 10Page - Diodes Incorporated AL58263 Datasheet HTML 11Page - Diodes Incorporated AL58263 Datasheet HTML 12Page - Diodes Incorporated AL58263 Datasheet HTML 13Page - Diodes Incorporated AL58263 Datasheet HTML 14Page - Diodes Incorporated AL58263 Datasheet HTML 15Page - Diodes Incorporated AL58263 Datasheet HTML 16Page - Diodes Incorporated AL58263 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
13 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Functional Descriptions (continued)
Control Instructions
Instruction Name
Number of DCK Pulses
when LAT is at High
Function Description
Data Latch
0 or 1
Strobes image data into temporary registers. In this time, constant
current outputs are not updated to a new frame data.
Global Latch
2 or 3
Strobes image data from temporary registers into an APDM/PWM
generator. In this time, constant current outputs are updated to a
new frame data.
Reading Image Data
and Command Data
6 or 7
Read out image data and command data from the latch cell to the
272-bit shift registers. And the read data could shift out from DO pin
by serial DCK pulses.
Return to Normal Mode
8 or 9
Switch Back from the reading data mode to the normal operating
mode.
Writing Command
10 or 11
Strobes command data from the 16-bits shift register into the
command latch cell.
Reset
APDM/PWM Counter
12 or 13
This instruction will reset APDM/PWM counter to synchronize a new
frame if CMD[11]=”H”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com