Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7498ETR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7498ETR
Description  160-watt 160-watt dual BTL class-D audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498ETR Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7498ETR Datasheet HTML 1Page - STMicroelectronics TDA7498ETR Datasheet HTML 2Page - STMicroelectronics TDA7498ETR Datasheet HTML 3Page - STMicroelectronics TDA7498ETR Datasheet HTML 4Page - STMicroelectronics TDA7498ETR Datasheet HTML 5Page - STMicroelectronics TDA7498ETR Datasheet HTML 6Page - STMicroelectronics TDA7498ETR Datasheet HTML 7Page - STMicroelectronics TDA7498ETR Datasheet HTML 8Page - STMicroelectronics TDA7498ETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PowerSSO-36
exposed pad up
Features
•
160-W + 160-W output power at THD = 10% with RL = 4 Ω and VCC = 36 V
•
1 x 220 W output power mono parallel BTL at THD = 10% with RL = 3 Ω and
VCC = 36 V
•
Wide-range single-supply operation (14 - 36 V)
•
High efficiency (η = 85%)
•
Parallel BTL function using the MODE pin
•
Four selectable, fixed gain settings of nominally 23.8 dB, 29.8 dB, 33.3 dB and
35.8 dB
•
Differential inputs minimize common-mode noise
•
Standby and mute features
•
Smart protection
•
Thermal overload protection
•
Small offset less than 20 mV
Description
The TDA7498E is a dual BTL class-D audio amplifier with a single power supply
designed for home systems and active speaker applications.
It comes in a 36-pin PowerSSO package with exposed pad up (EPU) to facilitate
mounting a separate heatsink.
Maturity status link
TDA7498E
Device summary
Order code
TDA7498ETR
Operating
temperature range
0 to 70 °C
Package
PowerSSO36
(EPU)
Packing
Tape and reel
160-watt + 160-watt dual BTL class-D audio amplifier
TDA7498E
Datasheet
DS8807 - Rev 4 - June 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TDA7498ETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7498ETR STMICROELECTRONICS-TDA7498ETR Datasheet
1Mb / 20P
160-watt 160-watt dual BTL class-D audio amplifier
12-Dec-2011
More results

Similar Description - TDA7498ETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
100-watt 100-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498E STMICROELECTRONICS-TDA7498E Datasheet
1Mb / 20P
160-watt 160-watt dual BTL class-D audio amplifier
12-Dec-2011
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
31-Jan-2013
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
100-watt mono BTL class-D audio amplifier
27-Jan-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com