Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7498LTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7498LTR
Description  80 watt 80 watt dual BTL class-D audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498LTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7498LTR Datasheet HTML 2Page - STMicroelectronics TDA7498LTR Datasheet HTML 3Page - STMicroelectronics TDA7498LTR Datasheet HTML 4Page - STMicroelectronics TDA7498LTR Datasheet HTML 5Page - STMicroelectronics TDA7498LTR Datasheet HTML 6Page - STMicroelectronics TDA7498LTR Datasheet HTML 7Page - STMicroelectronics TDA7498LTR Datasheet HTML 8Page - STMicroelectronics TDA7498LTR Datasheet HTML 9Page - STMicroelectronics TDA7498LTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
3.4
Electrical characteristics
Unless otherwise stated, the values in the table below are specified for the conditions: VCC = 32 V, RL = 6 Ω,
ROSC = R3 = 39 kΩ, C8 = 100 nF, f = 1 kHz, GV = 25.6 dB Tamb = 25 °C.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iq
Total quiescent current
No LC filter, no load
-
40
60
mA
IqSTBY
Quiescent current in standby
-
-
1
10
µA
VOS
Output offset voltage
Play mode
-100
-
100
mV
Mute mode
-60
-
60
IOCP
Overcurrent protection threshold
RL = 0 Ω
5.0
6.0
-
A
TjS
Junction temperature at thermal shutdown -
-
150
-
°C
Ri
Input resistance
Differential input
48
60
-
kΩ
VOVP
Overvoltage protection threshold
-
42
43
-
V
VUVP
Undervoltage protection threshold
-
-
-
8
V
RdsON
Power transistor on-resistance
High side
-
0.2
-
Ω
Low side
-
0.2
-
Po
Output power
THD = 10%
-
80
-
W
THD = 1%
-
65
-
Po
Output power
RL = 8 Ω, THD = 10%, VCC = 32 V
-
65
-
W
PD
Dissipated power
Po = 80 W + 80 W, THD = 10%
-
16
-
W
η
Efficiency
Po = 80 W + 80 W
-
90
-
%
THD
Total harmonic distortion
Po = 1 W
-
0.1
-
%
GV
Closed-loop gain
GAIN0 = L, GAIN1 = L
24.6
25.6
26.6
dB
GAIN0 = L, GAIN1 = H
30.6
31.6
32.6
GAIN0 = H, GAIN1 = L
34.1
35.1
36.1
GAIN0 = H, GAIN1 = H
36.6
37.6
38.6
ΔGV
Gain matching
-
-1
-
1
dB
CT
Crosstalk
f = 1 kHz, Po = 1 W
50
70
-
dB
eN
Total input noise
A Curve, GV = 20 dB
-
15
-
µV
f = 22 Hz to 22 kHz
-
25
50
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 0.5 Vpp,
CSVR = 10 µF
-
70
-
dB
Tr, Tf
Rise and fall times
-
-
50
-
ns
fSW
Switching frequency
Internal oscillator
290
310
330
kHz
fSWR
Output switching frequency range
With internal oscillator (1)
250
-
400
kHz
With external oscillator (2)
250
-
400
VinH
Digital input high (H)
-
2.3
-
-
V
VinL
Digital input low (L)
-
-
0.8
TDA7498L
Electrical characteristics
DS6539 - Rev 6
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com