Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7498MV Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7498MV
Description  100 W mono BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498MV Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7498MV Datasheet HTML 1Page - STMicroelectronics TDA7498MV Datasheet HTML 2Page - STMicroelectronics TDA7498MV Datasheet HTML 3Page - STMicroelectronics TDA7498MV Datasheet HTML 4Page - STMicroelectronics TDA7498MV Datasheet HTML 5Page - STMicroelectronics TDA7498MV Datasheet HTML 6Page - STMicroelectronics TDA7498MV Datasheet HTML 7Page - STMicroelectronics TDA7498MV Datasheet HTML 8Page - STMicroelectronics TDA7498MV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
List of figures
TDA7498MV
4/26
DocID016505 Rev 6
List of figures
Figure 1: Internal block diagram .................................................................................................................5
Figure 2: Pin connections (top view, PCB view) .........................................................................................6
Figure 3: Test board..................................................................................................................................11
Figure 4: Output power (THD = 10%) vs. supply voltage .........................................................................12
Figure 5: THD vs. output power ................................................................................................................12
Figure 6: THD vs. frequency (1 W) ...........................................................................................................12
Figure 7: THD vs. frequency (100 mW) ....................................................................................................12
Figure 8: Frequency response ..................................................................................................................13
Figure 9: FFT performance (0 dBFS) .......................................................................................................13
Figure 10: FFT performance (-60 dBFS) ..................................................................................................13
Figure 11: Output power (THD = 10%) vs. supply voltage .......................................................................14
Figure 12: THD vs. output power ..............................................................................................................14
Figure 13: THD vs. frequency (1 W) .........................................................................................................14
Figure 14: THD vs. frequency (100 mW) ..................................................................................................14
Figure 15: Frequency response ................................................................................................................15
Figure 16: FFT performance (0 dB) ..........................................................................................................15
Figure 17: FFT performance (-60 dB).......................................................................................................15
Figure 18: Application circuit.....................................................................................................................16
Figure 19: Standby and mute circuits .......................................................................................................17
Figure 20: Turn on/off sequence for minimizing speaker “pop” ................................................................17
Figure 21: Input circuit and frequency response ......................................................................................18
Figure 22: Master and slave connection...................................................................................................19
Figure 23: Typical LC filter for an 8 Ω speaker.........................................................................................20
Figure 24: Typical LC filter for a 6 Ω speaker ...........................................................................................20
Figure 25: Behavior of pin DIAG for various protection conditions...........................................................21
Figure 26: PowerSSO-36 EPU package outline .......................................................................................23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com