Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2007FC Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS2007FC_V01 Datasheet HTML 21Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 22Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 23Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 24Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 25Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 26Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 27Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 28Page - STMicroelectronics TS2007FC_V01 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DocID14937 Rev 4
25/33
TS2007FC
Application information
33
4.4
Low frequency response
If a low frequency bandwidth limitation is required, it is possible to use input coupling
capacitors. In the low frequency region, the input coupling capacitor Cin has a greater effect.
Cin and the input impedance Zin form a first-order high-pass filter with a -3 dB cutoff
frequency (see Table 5 to Table 9).
where FCL = cutoff frequency
So, for a desired cutoff frequency we can calculate Cin as follows:
where FCL is expressed in Hz, Zin in Ω, and Cin in F.
The input impedance, Zin, is for the whole power supply voltage range, typically 75 kΩ.
There is also a tolerance around the typical value (see Table 5 to Table 9). The tolerance of
FCL can also be calculated:
•
•
4.5
Circuit decoupling
A power supply capacitor, referred to as CS, is needed to correctly bypass the TS2007FC.
The TS2007FC has a typical switching frequency of 280 kHz and an output fall and rise time
of less than or equal to 5 ns. Due to these very fast transients, careful decoupling is
mandatory.
A 1 µF ceramic capacitor is enough, but it must be located very close to the TS2007FC in
order to avoid any extra parasitic inductance created by a long track wire. Parasitic loop
inductance, in relation with di/dt, introduces overvoltage that decreases the global efficiency
of the device and may cause, if this parasitic inductance is too high, a TS2007FC
breakdown. For filtering low frequency noise signals on the power line, it is recommended to
use a capacitor of at least 1 µF.
In addition, even if a ceramic capacitor has an adequate high frequency ESR (equivalent
series resistance) value, its current capability is also important. A 0603 size is a good
compromise, particularly when a 4
Ω load is used.
Another important parameter is the rated voltage of the capacitor. A 1 µF/6.3 V capacitor
used at 5 V, can loose about 50% of its value. With a power supply voltage of 5 V, the
decoupling value, instead of 1 µF, can be reduced to 0.5 µF. As CS has particular influence
on the THD+N in the medium to high frequency region, this capacitor variation becomes
decisive. In addition, less decoupling means higher overshoots which can be problematic if
they reach the power supply AMR value (6 V).
F
CL
1
2
π Z
in
C
in
⋅⋅
⋅
------------------------------------
=
C
in
1
2
π Z
in
F
CL
⋅⋅
⋅
--------------------------------------
=
F
CLmax
1.103 F
CL
⋅
=
F
CLmin
0.915 F
CL
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com