Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2012IQT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS2012IQT
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012IQT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS2012IQT Datasheet HTML 17Page - STMicroelectronics TS2012IQT Datasheet HTML 18Page - STMicroelectronics TS2012IQT Datasheet HTML 19Page - STMicroelectronics TS2012IQT Datasheet HTML 20Page - STMicroelectronics TS2012IQT Datasheet HTML 21Page - STMicroelectronics TS2012IQT Datasheet HTML 22Page - STMicroelectronics TS2012IQT Datasheet HTML 23Page - STMicroelectronics TS2012IQT Datasheet HTML 24Page - STMicroelectronics TS2012IQT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DocID14236 Rev 2
21/29
TS2012
Application information
29
4
Application information
4.1
Differential configuration principle
The TS2012 is a monolithic fully-differential input/output class D power amplifier. The
TS2012 also includes a common-mode feedback loop that controls the output bias value to
average it at VCC/2 for any DC common mode input voltage. This allows the device to
always have a maximum output voltage swing, and by consequence, maximize the output
power. Moreover, as the load is connected differentially compared with a single-ended
topology, the output is four times higher for the same power supply voltage.
The advantages of a full-differential amplifier are:
•
High PSRR (power supply rejection ratio)
•
High common mode noise rejection
•
Virtually zero pop without additional circuitry, giving a faster startup time compared with
conventional single-ended input amplifiers
•
Easier interfacing with differential output audio DAC
•
No input coupling capacitors required thanks to common mode feedback loop
4.2
Gain settings
In the flat region of the frequency-response curve (no input coupling capacitor or internal
feedback loop + load effect), the differential gain can be set to 6, 12 18, or 24 dB depending
on the logic level of the G0 and G1 pins, as shown in Table 9.
Note:
Between pins G0, G1 and GND there is an internal 300 k
Ω (±20 %) resistor. When the pins
are floating, the gain is 6 dB. In full standby (left and right channels OFF), these resistors are
disconnected (HiZ input).
4.3
Common mode feedback loop limitations
The common mode feedback loop allows the output DC bias voltage to be averaged at
VCC/2 for any DC common mode bias input voltage.
Due to the Vic limitation of the input stage (see Table 2: Operating conditions), the common
mode feedback loop can fulfill its role only within the defined range.
Table 9. Gain settings with G0 and G1 pins
G1
G0
Gain (dB)
Gain (V/V)
00
62
01
12
4
10
18
8
1
1
24
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com