Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS488 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 16Page - STMicroelectronics TS488 Datasheet HTML 17Page - STMicroelectronics TS488 Datasheet HTML 18Page - STMicroelectronics TS488 Datasheet HTML 19Page - STMicroelectronics TS488 Datasheet HTML 20Page - STMicroelectronics TS488 Datasheet HTML 21Page - STMicroelectronics TS488 Datasheet HTML 22Page - STMicroelectronics TS488 Datasheet HTML 23Page - STMicroelectronics TS488 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
5
Application information
5.1
Power dissipation and efficiency
Hypotheses:
Voltage and current in the load are sinusoidal (Vout and Iout)
Supply voltage is a pure DC source (VCC)
Regarding the load, we have:
VOUT=VPEAKsinωt(V)
(1)
and
IOUT=VOUTRL(A)
(2)
and
POUT=V2PEAK2RL(A)
(3)
The average current delivered by the power supply voltage is:
ICCAVG= 12π∫0πVPEAKRLsin(t)dt=VPEAKπRL(A)
(4)
Figure 74. Current delivered by power supply voltage in single-ended configuration
Icc (t)
Time
T/2
T
Icc
AVG
Vpeak/R
L
0
3T/2
2T
The power delivered by power supply voltage is:
Psupply=VCCICCAVG(W)
(5)
So, the power dissipation by each power amplifier is:
Pdiss=Psupply−POUT(W)
(6)
Pdiss= 2VCCπRL POUT−POUT(W)
(7)
and the maximum value is obtained when:
∂Pdiss
∂POUT=0
(8)
and its value is:
TS488
Application information
DS4579 - Rev 8
page 20/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com