Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4909IQT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 14Page - STMicroelectronics TS4909IQT Datasheet HTML 15Page - STMicroelectronics TS4909IQT Datasheet HTML 16Page - STMicroelectronics TS4909IQT Datasheet HTML 17Page - STMicroelectronics TS4909IQT Datasheet HTML 18Page - STMicroelectronics TS4909IQT Datasheet HTML 19Page - STMicroelectronics TS4909IQT Datasheet HTML 20Page - STMicroelectronics TS4909IQT Datasheet HTML 21Page - STMicroelectronics TS4909IQT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Electrical characteristics
TS4909
18/35
Doc ID 11972 Rev 9
Figure 50. Crosstalk vs. frequency, SE,
Vcc = 5 V, RL = 16 Ω, Av = 4
Figure 51. Crosstalk vs. frequency, SE,
Vcc = 5 V, RL = 32 Ω, Av = 4
100
1k
10k
-120
-100
-8 0
-6 0
-4 0
-2 0
0
O U T 2 to O U T 1
20k
20
O U T 1 to O U T 2
S ingle E nded
Vc c= 5 V , R L =1 6
Ω
Av =-4 , Po =9 0m W
T
AM B
= 25°C
Frequency (Hz)
100
1k
10k
-120
-100
-8 0
-6 0
-4 0
-2 0
0
O U T 2 to O U T 1
20k
20
O U T1 to O U T2
S ingle E n d e d
Vc c= 5 V , R L =32
Ω
A v = -4, P o = 60m W
T
AM B
= 25°C
Frequency (Hz)
Figure 52. Crosstalk vs. frequency, PHG,
Vcc = 5 V, Av = 1
Figure 53. Crosstalk vs. frequency, PHG,
Vcc = 5 V, Av = 4
100
1 k
10k
-1 20
-1 00
-80
-60
-40
-20
0
RL= 1 6
Ω, Po=90mW
20k
20
RL = 3 2
Ω, Po=60mW
P hanto m ground
V cc= 5V , A v= -1 ,
T
AM B
=25°C
Frequency (Hz)
10 0
1k
10 k
-120
-100
-8 0
-6 0
-4 0
-2 0
0
RL = 1 6
Ω, Po=90mW
20k
20
RL = 3 2
Ω, Po=60mW
P hantom ground
V cc= 5V , A v= -4 ,
T
AM B
=25 °C
Frequency (Hz)
Figure 54. SNR vs. power supply voltage,
PHG, unweighted, Av = 1
Figure 55. SNR vs. power supply voltage,
SE, unweighted, Av = 1
23
4
5
6
92
94
96
98
10 0
10 2
10 4
RL = 3 2
Ω
P h a n to m G rou nd
Av=-1 , T
AM B
=2 5 ° C
Cb = 1
μF
THD+ N< 0 .4 %
Power Supply Voltage (V)
RL = 1 6
Ω
U n w e ighted Filter (20H z-20 kH z)
23
45
6
94
96
98
10 0
10 2
10 4
10 6
RL = 3 2
Ω
Single Ende d
Av= -1, T
AM B
=25 ° C
Cb = 1
μF
T HD+ N< 0 .4 %
Power Supply Voltage (V)
RL = 1 6
Ω
U n w e ig hted Filte r (2 0 H z-20kH z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com