Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962MEIJT Datasheet(PDF) 40 Page - STMicroelectronics

Part # TS4962MEIJT
Description  3 W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962MEIJT Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TS4962MEIJT Datasheet HTML 33Page - STMicroelectronics TS4962MEIJT Datasheet HTML 34Page - STMicroelectronics TS4962MEIJT Datasheet HTML 35Page - STMicroelectronics TS4962MEIJT Datasheet HTML 36Page - STMicroelectronics TS4962MEIJT Datasheet HTML 37Page - STMicroelectronics TS4962MEIJT Datasheet HTML 38Page - STMicroelectronics TS4962MEIJT Datasheet HTML 39Page - STMicroelectronics TS4962MEIJT Datasheet HTML 40Page - STMicroelectronics TS4962MEIJT Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Revision history
TS4962M
40/41
DocID11703 Rev 7
10
Revision history
Table 12. Document revision history
Date
Revision
Changes
Oct. 2005
1
First release corresponding to the product preview version.
Nov. 2005
2
Electrical data updated for output voltage noise, see Table 4,
Table 5, Table 6, Table 7, Table 8 and Table 9
Formatting changes throughout.
Dec. 2005
3
Product in full production.
10-Jan-2007
4
Template update, no technical changes.
10-Oct-2016
5
Updated datasheet layout
Added package silhouettes
Added Related products
Updated Applications
Section 5: Electrical characteristic curves
: updated titles of
graphs which had same titles.
Figure 73: 9-bump Flip Chip package outline
: updated diagram
to display the optional backside coating for order code
TS4962MEIKJT.
Added Table 10 to display package mechanical data as a
separate table (with information concerning the optional
backside coating for order code TS4962MEIKJT).
Table 11: Order code table
: updated marking of order code
TS4962MEIJT, added order code TS4962MEIKJT.
15-Jan-2018
6
Updated Table 10: 9-bump Flip Chip mechanical data.
17-Mar-2020
7
Removed feature on the cover page and footnote Rthja
parameter in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com