Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4962_V01 Datasheet HTML 10Page - STMicroelectronics TS4962_V01 Datasheet HTML 11Page - STMicroelectronics TS4962_V01 Datasheet HTML 12Page - STMicroelectronics TS4962_V01 Datasheet HTML 13Page - STMicroelectronics TS4962_V01 Datasheet HTML 14Page - STMicroelectronics TS4962_V01 Datasheet HTML 15Page - STMicroelectronics TS4962_V01 Datasheet HTML 16Page - STMicroelectronics TS4962_V01 Datasheet HTML 17Page - STMicroelectronics TS4962_V01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Electrical characteristics
TS4962
14/44
DocID10968 Rev 9
VN
Output voltage noise f = 20 Hz to 20 kHz, G = 6 dB
µV
RMS
Unweighted RL = 4 Ω
A-weighted RL = 4 Ω
83
57
Unweighted RL = 8 Ω
A-weighted RL = 8 Ω
83
61
Unweighted RL = 4 Ω + 15 µH
A-weighted RL = 4 Ω + 15 µH
81
58
Unweighted RL = 4 Ω + 30 µH
A-weighted RL = 4 Ω + 30 µH
87
62
Unweighted RL = 8 Ω + 30 µH
A-weighted RL = 8 Ω + 30 µH
77
56
Unweighted RL = 4 Ω + filter
A-weighted RL = 4 Ω + filter
Unweighted RL = 4 Ω + filter
A-weighted RL = 4 Ω + filter
85
63
80
57
1. All electrical values are guaranteed with correlation measurements at 2.5 V and 5 V.
2. Standby mode is active when VSTBY is tied to GND.
3. Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinusoidal signal to
VCC at f = 217 Hz.
Table 9. Electrical characteristics at VCC = +3.0 V
with GND = 0 V, Vicm = 1.5 V, Tamb = 25°C (unless otherwise specified)
(1)
(continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com