Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4990 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active-low standby mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4990_V01 Datasheet HTML 5Page - STMicroelectronics TS4990_V01 Datasheet HTML 6Page - STMicroelectronics TS4990_V01 Datasheet HTML 7Page - STMicroelectronics TS4990_V01 Datasheet HTML 8Page - STMicroelectronics TS4990_V01 Datasheet HTML 9Page - STMicroelectronics TS4990_V01 Datasheet HTML 10Page - STMicroelectronics TS4990_V01 Datasheet HTML 11Page - STMicroelectronics TS4990_V01 Datasheet HTML 12Page - STMicroelectronics TS4990_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DocID9309 Rev 14
9/33
TS4990
Electrical characteristics
33
Figure 8. PSRR vs. power supply Av = 2
Figure 9. PSRR vs. power supply Av = 10
100
1000
10000
100000
-70
-60
-50
-40
-30
-20
-10
0
Vcc :
2.2V
2.6V
3.3V
5V
Vripple = 200mVpp
Av = 2
Input = Grounded
Cb = Cin = 1
μF
RL >= 4
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-50
-40
-30
-20
-10
0
Vcc :
2.2V
2.6V
3.3V
5V
Vripple = 200mVpp
Av = 10
Input = Grounded
Cb = Cin = 1
μF
RL >= 4
Ω
Tamb = 25
°C
Frequency (Hz)
Figure 10. PSRR vs. power supply
Figure 11. PSRR vs. power supply Av = 5
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 2.2, 2.6, 3.3, 5V
Vripple = 200mVpp
Rfeed = 22k
Ω
Input = Floating
Cb = 1
μF
RL >= 4
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
0
Vcc :
2.2V
2.6V
3.3V
5V
Vripple = 200mVpp
Av = 5
Input = Grounded
Cb = Cin = 1
μF
RL >= 4
Ω
Tamb = 25
°C
Frequency (Hz)
Figure 12. PSRR vs. power supply Cb = 0.1 µF,
Cin = 1 µF
Figure 13. PSRR vs. power supply
Rfeed = 22 k
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
0
Vcc = 5, 3.3, 2.5 & 2.2V
Vripple = 200mVpp
Av = 2
Input = Grounded
Cb = 0.1
μF, Cin = 1μF
RL >= 4
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 2.2, 2.6, 3.3, 5V
Vripple = 200mVpp
Rfeed = 22k
Ω
Input = Floating
Cb = 0.1
μF
RL >= 4
Ω
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com