Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4994IQT Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4994IQT
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994IQT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4994IQT Datasheet HTML 23Page - STMicroelectronics TS4994IQT Datasheet HTML 24Page - STMicroelectronics TS4994IQT Datasheet HTML 25Page - STMicroelectronics TS4994IQT Datasheet HTML 26Page - STMicroelectronics TS4994IQT Datasheet HTML 27Page - STMicroelectronics TS4994IQT Datasheet HTML 28Page - STMicroelectronics TS4994IQT Datasheet HTML 29Page - STMicroelectronics TS4994IQT Datasheet HTML 30Page - STMicroelectronics TS4994IQT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
TS4994
Application information
27/35
and
Therefore, the average current delivered by the supply voltage is:
Equation 1
The power delivered by the supply voltage is:
Therefore, the power dissipated by each amplifier is:
Equation 2
and the maximum value is obtained when:
and its value is:
Equation 3
Note:
This maximum value is only dependent on the power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply:
Equation 4
The maximum theoretical value is reached when VPEAK = VCC, so:
The maximum die temperature allowable for the TS4994 is 125°C. However, in case of
overheating, a thermal shutdown set to 150°C, puts the TS4994 in standby until the
temperature of the die is reduced by about 5°C.
P
out =
V
peak
2
2R
L
--------------------- (W)
I
CC
AVG = 2
V
peak
πR
L
----------------- (A)
P
supply
V
CC
I
CC
AVG
(W)
⋅
=
P
diss
P
supply
P
out
(W)
–
=
P
diss
22V
CC
π R
L
---------------------- P
out Pout
–
=
∂P
diss
∂P
out
----------------- = 0
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=
η=
P
out
P
supply
------------------- =
πV
peak
4V
CC
--------------------
η= π
4
----- = 78.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com