Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS514AID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS514AID
Description  Precision quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514AID Datasheet(HTML) 1 Page - STMicroelectronics

  TS514AID Datasheet HTML 1Page - STMicroelectronics TS514AID Datasheet HTML 2Page - STMicroelectronics TS514AID Datasheet HTML 3Page - STMicroelectronics TS514AID Datasheet HTML 4Page - STMicroelectronics TS514AID Datasheet HTML 5Page - STMicroelectronics TS514AID Datasheet HTML 6Page - STMicroelectronics TS514AID Datasheet HTML 7Page - STMicroelectronics TS514AID Datasheet HTML 8Page - STMicroelectronics TS514AID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
November 2024
DocID5050 Rev 6
1/16
TS514
Precision quad operational amplifier
Datasheet
- production data
Features
• Low input offset voltage: 500 µV max.
• Low power consumption
• Short-circuit protection
• Low distortion, low noise
• High gain bandwidth product
• High channel separation
• ESD protection 2 kV
Description
The TS514 device is a high-performance quad
operational amplifier with frequency and phase
compensation built into the chip. The internal
phase compensation allows stable operation as
a voltage follower in spite of its high gain
bandwidth.
The circuit presents very stable electrical
characteristics over the entire supply voltage
range, and is particularly intended for professional
and telecom applications (such as active filters,
for example).
D
SO-14
(plastic micropackage)
Pin connections
(top view)
www.st.com


Similar Part No. - TS514AID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS514AID STMICROELECTRONICS-TS514AID Datasheet
58Kb / 7P
HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
Dec-1997
TS514AID STMICROELECTRONICS-TS514AID Datasheet
248Kb / 10P
Precision Quad Operational Amplifier
Sep-2005
TS514AIDT STMICROELECTRONICS-TS514AIDT Datasheet
248Kb / 10P
Precision Quad Operational Amplifier
Sep-2005
More results

Similar Description - TS514AID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134 Datasheet
963Kb / 9P
4MHz, Precision, Quad Operational Amplifier
August 1998
logo
Linear Technology
RH1014M LINER-RH1014M Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
logo
Intersil Corporation
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
Precision Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
Precision CMOS Quad Operational Amplifier
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134_01 Datasheet
872Kb / 9P
4MHz, Precision, Quad Operational Amplifier
July 2001
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514_05 Datasheet
248Kb / 10P
Precision Quad Operational Amplifier
Sep-2005
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
Quad Precision Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
QUAD PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com