Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC1021AIYPT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSC1021AIYPT
Description  High-side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021AIYPT Datasheet(HTML) 5 Page - STMicroelectronics

  TSC1021AIYPT Datasheet HTML 1Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 2Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 3Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 4Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 5Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 6Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 7Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 8Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TSC1021
Absolute maximum ratings and operating
conditions
DocID017857 Rev 4
5/17
3
Absolute maximum ratings and operating conditions
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vid
Input pins differential voltage (Vp-Vm)
±20
V
Vi
Current sensing input pin voltages (Vp and Vm)
(1)
-32 to 60
V1
Voltage for Vcc, Out pins
(1)
-0.3 to 7
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
Rthja
TSSOP8 thermal resistance junction to ambient
120
°C/Ω
ESD
HBM: human body model for Vp and Vm pins
(2)
4
kV
HBM: human body model for all other pins
(2)
2
MM: machine model
(3)
250
V
CDM: charged device model
(4)
1.5
kV
Notes:
(1)
Voltage values are measured with respect to the GND pin.
(2)
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 kΩ resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
(3)
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two
pin
s of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
(4)
Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to ground.
Table 3: Operating conditions
Symbol
Parameter
Value
Unit
VCC
DC supply voltage from Tmin to Tmax
3.5 to 5.5
V
Toper
Operational temperature range (Tmin to Tmax)
-40 to 125
°C
Vicm
Common-mode voltage range (Vm and Vp pin voltage)
2.8 to 30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com