Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2011H Datasheet(PDF) 27 Page - STMicroelectronics

Part # TSC2011H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011H Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TSC2011H Datasheet HTML 23Page - STMicroelectronics TSC2011H Datasheet HTML 24Page - STMicroelectronics TSC2011H Datasheet HTML 25Page - STMicroelectronics TSC2011H Datasheet HTML 26Page - STMicroelectronics TSC2011H Datasheet HTML 27Page - STMicroelectronics TSC2011H Datasheet HTML 28Page - STMicroelectronics TSC2011H Datasheet HTML 29Page - STMicroelectronics TSC2011H Datasheet HTML 30Page - STMicroelectronics TSC2011H Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Bidirectional operation
Bidirectional mode of operation allows the device to measure currents through a shunt resistor in two directions.
The output reference can be set anywhere within the power supply range. If the output common mode voltage is
set at mid-range, the full scale current measurement range is equal in both directions. This is achieved by
connecting one VREF pin to Vcc and the other VREF pin to Gnd as described by Figure 3. It can also be done by
connecting both VREF pins to Vcc / 2 voltage as described by Figure 4. In case the current measurement is not
equal in both directions, the user can set the output in a non-symmetrical configuration, adjusting Vref according
to the user's needs.
Split supply
Figure 60. Split supply
The biggest advantage of this configuration is that the TSC2011H can be used in bidirectional mode with an
output common mode voltage set at the middle of scale, with an accuracy of 0.1%, without any added external
component or power supply. This configuration creates a midscale offset ratiometric to the power supply.
External
Figure 61. External supply
In this configuration, VREF1 pin and VREF2 pin are connected together to a reference voltage. The output
common mode voltage is then automatically set to this reference voltage value when no current flows through the
Rshunt resistance. This configuration adjusts the output offset as needed by the application. A DAC for calibration
of the analog chain could also be used.
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 27/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com