Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2012H Datasheet(PDF) 33 Page - STMicroelectronics

Part # TSC2012H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2012H Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TSC2012H Datasheet HTML 29Page - STMicroelectronics TSC2012H Datasheet HTML 30Page - STMicroelectronics TSC2012H Datasheet HTML 31Page - STMicroelectronics TSC2012H Datasheet HTML 32Page - STMicroelectronics TSC2012H Datasheet HTML 33Page - STMicroelectronics TSC2012H Datasheet HTML 34Page - STMicroelectronics TSC2012H Datasheet HTML 35Page - STMicroelectronics TSC2012H Datasheet HTML 36Page - STMicroelectronics TSC2012H Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
If a single channel is used, the change on the sample and hold capacitance is very small for sure, and so the
recovery time is extremely low as described by the figure below.
Figure 66. Capacitive load response at Vcc = 3.3 V with a step of 100 mV
-4µ
0
12µ
-100
-80
-60
-40
-20
0
20
40
60
80
100
-1000
-900
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
800
900
1000
Time (s)
Sample and hold
Vout
Vcc=3.3V, Vicm=1.65V, Vsense=0Vpp
T=25°C,
50kHz square signal of 100mV amplitude
injected in the output through 40pF
The effect of the ADC sampling and hold can be easily smoothed thanks to an RC filter. As suggested on the
schematic below. The capacitor of the external filter must be chosen much higher than the internal ADC capacitor,
in order to easily absorb the sudden voltage variation on the output due to the sampling and hold of the ADC. The
resistance must be chosen according to the application speed of the system in order not to impact the whole
application. The main advantage of using an RC filter is to have an antialiasing system. The used ADC should
certainly have sample and hold conversion in accordance with the RC filter value, in order to let the output
recover before sampling.
Figure 67. RC filter when driving ADC
In Figure 4 an Rs = 470 Ω resistance and a Ct = 470 pF capacitance have been set. Given a low-pass filter of 720
kHz and a response time of roughly 660 ns.
In Figure 5 an Rs = 820 Ω resistance and a Ct = 1 nF capacitance have been set. Given a low-pass filter of 194
kHz and a response time of roughly 2.5 µs.
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 33/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com