Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC210IQT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSC210IQT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210IQT Datasheet(HTML) 2 Page - STMicroelectronics

  TSC210IQT Datasheet HTML 1Page - STMicroelectronics TSC210IQT Datasheet HTML 2Page - STMicroelectronics TSC210IQT Datasheet HTML 3Page - STMicroelectronics TSC210IQT Datasheet HTML 4Page - STMicroelectronics TSC210IQT Datasheet HTML 5Page - STMicroelectronics TSC210IQT Datasheet HTML 6Page - STMicroelectronics TSC210IQT Datasheet HTML 7Page - STMicroelectronics TSC210IQT Datasheet HTML 8Page - STMicroelectronics TSC210IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
1
Pin connections and description
Figure 1. Pin connections (top view)
SC70-6
Dot or letter O denotes pin 1 position
QFN10
REF
GND
OUT
VIN+
VIN-
VIN-
6
7
8
9
10
1
2
5
4
3
Table 1. Pin description
Name
SC70-6
QFN10
Description
REF
1
8
Reference voltage input
GND
2
9
Ground
Vcc
3
6
Power supply voltage
Vin+
4
2, 3
Connection to the external sense resistor
Vin-
5
4, 5
Connection to the external sense resistor
OUT
6
10
Output voltage
NC
1, 7
Not connected (1)
1. Pins can be left floating or connected to VCC or GND.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Pin connections and description
DS13237 - Rev 7
page 2/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com