Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC212IYCT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSC212IYCT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC212IYCT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSC212IYCT Datasheet HTML 3Page - STMicroelectronics TSC212IYCT Datasheet HTML 4Page - STMicroelectronics TSC212IYCT Datasheet HTML 5Page - STMicroelectronics TSC212IYCT Datasheet HTML 6Page - STMicroelectronics TSC212IYCT Datasheet HTML 7Page - STMicroelectronics TSC212IYCT Datasheet HTML 8Page - STMicroelectronics TSC212IYCT Datasheet HTML 9Page - STMicroelectronics TSC212IYCT Datasheet HTML 10Page - STMicroelectronics TSC212IYCT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
5
Typical characteristics
The TSC210 is used for typical characteristics, unless otherwise specified
Figure 3. Input offset voltage production
distribution
0
5
10
15
20
T=25°C
Vcc=5V,
Vicm=12V
Input offset voltage (µV)
Figure 4. Input offset voltage vs. temperature
-25
0
25
50
75
100
125
0
50
100
-100
-80
-60
-40
-20
0
20
40
60
80
100
-80
-40
0
40
80
Vref=Vcc/2
Vsense=0V
Vcc=5V
Temperature (°C)
Figure 5. Common-mode rejection ratio production
distribution
0
5
10
15
20
25
30
T=25°C
Vcc= 5V
Common-ModeRejection Ratio (µV/V)
Figure 6. Common mode rejection ratio vs.
temperature
-25
0
25
50
75
100
125
0
50
100
-5
-4
-3
-2
-1
0
1
2
3
4
5
-4
-2
0
2
4
Vref=Vcc/2
Vsense=0 V
Vcc=5V Vicm =12V
Temperature (°C)
Figure 7. Gain vs. frequency
Figure 8. Power supply rejection ratio vs.
frequency
10
100
1k
10k
100k
0
20
40
60
80
100
120
140
Vicm=12 V
Vripple=100 mVpp
T =25 °C
Frequency (Hz)
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Typical characteristics
DS13237 - Rev 7
page 7/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com