Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC213IQT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSC213IQT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC213IQT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSC213IQT Datasheet HTML 6Page - STMicroelectronics TSC213IQT Datasheet HTML 7Page - STMicroelectronics TSC213IQT Datasheet HTML 8Page - STMicroelectronics TSC213IQT Datasheet HTML 9Page - STMicroelectronics TSC213IQT Datasheet HTML 10Page - STMicroelectronics TSC213IQT Datasheet HTML 11Page - STMicroelectronics TSC213IQT Datasheet HTML 12Page - STMicroelectronics TSC213IQT Datasheet HTML 13Page - STMicroelectronics TSC213IQT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Figure 21. 0.1 Hz to 10 Hz voltage noise
(referred to input)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
-800
-600
-400
-200
0
200
400
600
800
-800
-600
-400
-200
0
200
400
600
800
T=25°C
Vcc=5V
Vref=2.5V
Time (s)
Figure 22. Step response (10-mVpp input step)
-200µ
0
200µ
400µ
600µ
Time (s)
Vout
Vsense
Vcc = 5 V, Vicm = 12V, Vsense =10 mVpp
T = 25°C, Cl = 100pF
Figure 23. Common mode voltage transient
response
-100µ
-50µ
0
50µ
100µ
150µ
200µ
250µ
300µ
350µ
Time (s)
0V
Vout
Vicm
Vcc = 5 V,
T = 25°C
Figure 24. Inverting differential input overloaded
0V
Inverting input
Vcc = 5 V,
Vref = 2.5 V,
Vicm = 12 V,
Vsense = 0 V,
T = 25 °C
Vout
Time (200µs/div)
Figure 25. Non inverting differential input overload
0V
Non inverting input
Vcc=5 V,
Vref=2.5 V,
Vicm=12 V,
Vsense=0 V,
T=25 °C
Vout
Time (200 µs/div)
Figure 26. Start-up response
-3
-2
-1
0
1
2
3
4
5
6
-2
0
2
4
6
Vcc
Vref=2.5 V,
Vsense=0 V,
T=25 °C
Vout
Time (100µs/div)
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Typical characteristics
DS13237 - Rev 7
page 10/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com