Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1540DJ Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1540DJ
Description  1.3MHz, 18V Step-Up Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1540DJ Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP1540DJ Datasheet HTML 1Page - Monolithic Power Systems MP1540DJ Datasheet HTML 2Page - Monolithic Power Systems MP1540DJ Datasheet HTML 3Page - Monolithic Power Systems MP1540DJ Datasheet HTML 4Page - Monolithic Power Systems MP1540DJ Datasheet HTML 5Page - Monolithic Power Systems MP1540DJ Datasheet HTML 6Page - Monolithic Power Systems MP1540DJ Datasheet HTML 7Page - Monolithic Power Systems MP1540DJ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MP1540 – 1.3MHz, 18V STEP-UP CONVERTER
MP1540 Rev. 1.0
www.MonolithicPower.com
6
8/15/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
Compensation
The MP1540 uses an amplifier to compensate
the feedback loop rather than a traditional
transconductance amplifier like most current
mode regulators. Frequency compensation is
provided by an internal resistor and capacitor
along with an external resistor. The system
uses two poles and one zero to stabilize the
control loop. The poles are fP1 set by the output
capacitor and load resistance, and fP2 set by the
internal compensation capacitor, the gain of the
error amplifier and the resistance seen looking
out at the feedback node REQ. The zero fZ1 is set
internally around 20KHz. These are determined
by the equations:
LOAD
1
P
R
2
C
1
f
×
×
π
=
()
EQ
9
2
P
R
10
9
.
7
2
1
f
×
×
×
π
×
=
−
KHz
20
f 1
Z =
Where RLOAD is the load resistance and REQ is:
)
2
R
1
R
(
)
2
R
1
R
(
3
R
REQ
+
×
+
=
Where R1, R2, and R3 are seen in Figure 2.
The DC loop gain is:
2
OUT
FB
LOAD
IN
VDC
V
V
R
V
500
A
×
×
×
=
There is also a right-half-plane zero (fRHPZ) that
exists in all continuous mode (inductor current
does not drop to zero on each cycle) step up
converters. The frequency of the right half plane
zero is:
2
OUT
LOAD
2
IN
RHPZ
V
L
2
R
V
f
×
×
π
×
×
=
To stabilize the regula tion control loop, the
crossover frequency (the frequency where the
loop gain dr ops to 0d B or a gain of 1, indicated
as fC) should be at least one decad e below the
right-half-plane zero and should b
e at most
75KHz. f RHPZ is a t it s lo west fr equency at
maximum o utput load current (R LOAD i s a t a
minimum) and minimum input voltage.
For the MP1540 it is re commended that a 4 7kΩ
to 100kΩ resistor be placed in series with the FB
pin and the resistor divider as se en in Figure 2.
For most applications this is all that is needed for
stable op eration. If g reater ph ase ma rgin is
needed a series r esistor and capacitor ca n be
placed in parallel with the high-side resistor R1 as
seen in Fi gure 2. The po le and ze ro se t b y the
lead-lag compensation network are:
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
+
+
×
×
π
×
=
3
R
1
2
R
1
1
R
1
1
4
R
3
C
2
1
f 3
P
()
4
R
1
R
3
C
2
1
f 2
Z
+
×
×
π
×
=
Layout Considerations
High frequ ency switching regulators require
very careful layout for stable operation and low
noise. All components must be p laced as close
to the IC as possible.
Keep the path betwee n
L1, D1, and C2 ex
tremely short for minimal
noise and r inging. C1 must be p laced clo se t o
the IN pin
for best decoupling.
All feedback
components must be kept close to the FB pin to
prevent noise injection o n the FB pin trace. The
ground return of C1 and C2 should be tied
close to the GND pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com