Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1200/B Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC1200/B
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1200/B Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC1200/B Datasheet HTML 20Page - Texas Instruments AMC1200/B Datasheet HTML 21Page - Texas Instruments AMC1200/B Datasheet HTML 22Page - Texas Instruments AMC1200/B Datasheet HTML 23Page - Texas Instruments AMC1200/B Datasheet HTML 24Page - Texas Instruments AMC1200/B Datasheet HTML 25Page - Texas Instruments AMC1200/B Datasheet HTML 26Page - Texas Instruments AMC1200/B Datasheet HTML 27Page - Texas Instruments AMC1200/B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
AMC1200BDUBR
SOP
DUB
8
350
330.0
24.4
13.1
9.75
6.0
16.0
24.0
Q1
AMC1200BDUBRG4
SOP
DUB
8
350
330.0
24.4
13.1
9.75
6.0
16.0
24.0
Q1
AMC1200BDWVR
SOIC
DWV
8
1000
330.0
16.4
12.15
6.2
3.05
16.0
16.0
Q1
AMC1200BDWVRG4
SOIC
DWV
8
1000
330.0
16.4
12.15
6.2
3.05
16.0
16.0
Q1
AMC1200SDUBR
SOP
DUB
8
350
330.0
24.4
13.1
9.75
6.0
16.0
24.0
Q1
AMC1200SDUBRG4
SOP
DUB
8
350
330.0
24.4
13.1
9.75
6.0
16.0
24.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com