Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306E05 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC1306E05
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306E05 Datasheet(HTML) 1 Page - Texas Instruments

  AMC1306E05 Datasheet HTML 1Page - Texas Instruments AMC1306E05 Datasheet HTML 2Page - Texas Instruments AMC1306E05 Datasheet HTML 3Page - Texas Instruments AMC1306E05 Datasheet HTML 4Page - Texas Instruments AMC1306E05 Datasheet HTML 5Page - Texas Instruments AMC1306E05 Datasheet HTML 6Page - Texas Instruments AMC1306E05 Datasheet HTML 7Page - Texas Instruments AMC1306E05 Datasheet HTML 8Page - Texas Instruments AMC1306E05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
DOUT
CLKIN
DVDD
DGND
AGND
AINP
AINN
AVDD
AMC1306Mx
HV+
HV-
To Load
Floating
Power Supply
3.0 V, 3.3 V, or 5.0 V
RSHUNT
3.3 V or 5.0 V
SD-Cx
SD-Dx
TMS320F28x7x
PWMx
Optional
Optional
Optional
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
AMC1306x Small, High-Precision,
Reinforced Isolated Delta-Sigma Modulators With High CMTI
1
1 Features
1
•
Pin-compatible family optimized for shunt-resistor-
based current measurements:
–
±50-mV or ±250-mV input voltage ranges
–
Manchester coded or uncoded bitstream
options
•
Excellent DC performance:
–
Offset error: ±50 µV or ±100 µV (max)
–
Offset drift: 1 µV/°C (max)
–
Gain error: ±0.2% (max)
–
Gain drift: ±40 ppm/°C (max)
•
Transient immunity: 100 kV/µs (typ)
•
System-level diagnostic features
•
Safety-related certifications:
–
7000-VPEAK reinforced isolation per DIN VDE V
0884-11: 2017-01
–
5000-VRMS isolation for 1 minute per UL1577
–
CAN/CSA no. 5A-component acceptance
service notice and IEC 62368-1 end equipment
standard
•
Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
•
Shunt-resistor-based current sensing and isolated
voltage measurements in:
–
Industrial motor drives
–
Photovoltaic inverters
–
Uninterruptible power supplies
3 Description
The AMC1306 is a precision, delta-sigma (ΔΣ)
modulator with the output separated from the input
circuitry by a capacitive double isolation barrier that is
highly resistant to magnetic interference. This barrier
is certified to provide reinforced isolation of up to
7000 VPEAK according to the DIN VDE V 0884-11 and
UL1577 standards. Used in conjunction with isolated
power supplies, this isolated modulator separates
parts of the system that operate on different common-
mode voltage levels and protects lower-voltage parts
from damage.
The input of the AMC1306 is optimized for direct
connection to shunt resistors or other low voltage-
level signal sources. The unique low input voltage
range
of
the
±50-mV
device
allows
significant
reduction of the power dissipation through the shunt
and supports excellent ac and dc performance. The
output bitstream of the AMC1306 is Manchester
coded (AMC1306Ex) or uncoded (AMC1306Mx),
depending on the derivate. By using an integrated
digital filter (such as those in the TMS320F2807x or
TMS320F2837x microcontroller families) to decimate
the bitstream, the device can achieve 16 bits of
resolution with a dynamic range of 85 dB at a data
rate of 78 kSPS.
The bitstream output of the Manchester coded
AMC1306Ex versions support single-wire data and
clock transfer without having to consider the setup
and hold time requirements of the receiving device.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC1306x
SOIC (8)
5.85 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - AMC1306E05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI2-AMC1306E05 Datasheet
1Mb / 45P
AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
REVISED JANAURY 2020
AMC1306E05DWV TI1-AMC1306E05DWV Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
More results

Similar Description - AMC1306E05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com