Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1350 Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC1350
Description  AMC1350 Precision, ±5-V Input, Reinforced Isolated Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1350 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1350 Datasheet HTML 4Page - Texas Instruments AMC1350 Datasheet HTML 5Page - Texas Instruments AMC1350 Datasheet HTML 6Page - Texas Instruments AMC1350 Datasheet HTML 7Page - Texas Instruments AMC1350 Datasheet HTML 8Page - Texas Instruments AMC1350 Datasheet HTML 9Page - Texas Instruments AMC1350 Datasheet HTML 10Page - Texas Instruments AMC1350 Datasheet HTML 11Page - Texas Instruments AMC1350 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
6.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD1 = 3.0 V to 5.5 V, VDD2 = 3.0 V to 5.5 V, INP
= –5 V to +5 V, and INN = GND1 (unless otherwise noted); typical specifications are at TA = 25°C, VDD1 = 5 V, and VDD2 =
3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
VOS
Offset voltage(2)
TA = 25°C, INN = INP = GND1,
4.5 V ≤ VDD1 ≤ 5.5 V(1)
–1.5
±0.3
1.5
mV
TA = 25°C, INN = INP = GND1,
3.0 V ≤ VDD1 ≤ 5.5 V(3)
–2.5
–0.8
2.5
ΔVOS
Offset voltage long-term stability
10 years at TA = 55℃
0(7)
mV
TCVOS
Offset voltage thermal drift(5)
INN = INP = GND1
–15
±3
15
µV/°C
ΔTCVOS
Offset voltage thermal drift
long-term stability
10 years at TA = 55℃,
INN = INP = GND1
0(7)
mV/°C
RIN
Input resistance, differential
2
2.5
3
MΩ
Input resistance, single ended
INN = GND1
1
1.25
1.5
ΔRIN
Input resistance long-term stability
10 years at TA = 55℃
0(7)
ppm
TCRIN
Input resistance thermal drift
–40
℃ ≤ TA ≤ 85℃
5
ppm/°C
CIN
Single-ended input capacitance
INN = HGND, fIN = 275 kHz
4
pF
CIND
Differential input capacitance
fIN = 275 kHz
2
pF
ANALOG OUTPUT
Nominal gain
0.40
V/V
EG
Gain error(1)
TA = 25℃
–0.2%
±0.05%
0.2%
ΔEG
Gain error long-term stability
10 years at TA = 55℃
0(7)
TCEG
Gain error thermal drift(1) (6)
–35
±10
35 ppm/°C
ΔTCEG
Gain error thermal drift
long-term stability
10 years at TA = 55℃
0(7)
ppm/°C
Nonlineartity(1)
–0.02%
±0.003%
0.02%
Nonlinearity thermal drift
0.2
ppm/°C
THD
Total harmonic distortion(4)
VIN = 10 VPP, fIN = 10 kHz,
BW = 100 kHz
–87
dB
SNR
Signal-to-noise ratio
VIN = 10 VPP, fIN = 1 kHz,
BW = 10 kHz
81
85
dB
VIN = 10 VPP, fIN = 10 kHz,
BW = 100 kHz
75
Output noise
INN = INP = GND1, BW = 100 kHz
250
µVrms
CMRR
Common-mode rejection ratio
DC, INN = INP, VCM min ≤ VCM ≤ VCM max
–72
dB
fIN = 10 kHz, INN = INP = 10 VPP
–71
PSRR
Power-supply rejection ratio(2)
PSRR vs VDD1, DC
–67
dB
PSRR vs VDD2, DC
–80
PSRR vs VDD1 with 10-kHz,
100-mV ripple
–65
PSRR vs VDD2 with 10-kHz,
100-mV ripple
–64
VCMout
Output common-mode voltage
1.39
1.44
1.49
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP – VOUTN),
VIN > VClipping
2.49
V
VFail-safe
Fail-safe differential output voltage
VDD1 undervoltage or VDD1 missing
–2.57
–2.5
V
BW
Output bandwidth
275
300
kHz
ROUT
Output resistance
On OUTP or OUTN
< 0.2
Ω
AMC1350
SBASAA6A – AUGUST 2021 – REVISED DECEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC1350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com