Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7836IPAP Datasheet(PDF) 78 Page - Texas Instruments

Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 78 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 74Page - Texas Instruments AMC7836IPAP Datasheet HTML 75Page - Texas Instruments AMC7836IPAP Datasheet HTML 76Page - Texas Instruments AMC7836IPAP Datasheet HTML 77Page - Texas Instruments AMC7836IPAP Datasheet HTML 78Page - Texas Instruments AMC7836IPAP Datasheet HTML 79Page - Texas Instruments AMC7836IPAP Datasheet HTML 80Page - Texas Instruments AMC7836IPAP Datasheet HTML 81Page - Texas Instruments AMC7836IPAP Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
-15
-10
-5
0
5
10
15
0
5
10
15
20
25
Time (µs)
10nF, Rising Edge
200pF, Rising Edge
C001
-15
-10
-5
0
5
10
15
0
5
10
15
20
25
Time (µs)
10nF, Falling Edge
200pF, Falling Edge
C001
78
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
During the conversion, the input current per channel varies with the total update time which is determined by the
number and type of channels (NCH) and the conversion rate setting of the CONV-RATE bit in the ADC
configuration register (address 0x10).
NOTE
The source of the analog input voltage must be able to charge the input capacitance to a
12-bit settling level within the acquisition time.
8.2.2.2 DAC Output Range Selection
The AMC7836 device includes 16 DACs split into four groups, each with four DACs. All of the DACs in a given
group share the same output voltage range. The output range for each DAC group is independent and is
programmable to either –10 to 0 V, –5 to 0 V, 0 to 10 V or 0 to 5 V. The DAC output ranges are configured by
following the configuration settings listed in Table 1.
Each DAC includes an output buffer is capable of generating rail-to rail voltages. The Electrical Characteristics:
DAC table lists the maximum source and sink capability of this internal amplifier. The graphs in the Application
Curves section show the relationship of both stability and settling time with different capacitive loading structures.
8.2.3 Application Curves
Code 0x400 to 0xC00 to within ½ LSB
Figure 119. DAC Settling Time vs Load Capacitance
Code 0xC00 to 0x400 to within ½ LSB
Figure 120. DAC Settling Time vs Load Capacitance
9 Power Supply Recommendations
The preferred (not required) pin order for applying power is IOVDD, DVDD and AVDD, AVCC and lastly AVEE,
AVSSB, AVSSC, and AVSSD.When power sequencing, ensure that all digital pins are not powered or in an active
state while the IOVDD pin ramps. Proper sequencing of the digital pins can be accomplished by attaching 10-kΩ
pullup resistors to the IOVDD pin, or pulldown resistors to the DGND pin. See the supply voltage ranges in the
Recommended Operating Conditions table.
In applications where a negative voltage is applied to AVEE, AVSSB, AVSSC, and AVSSD first, the user may notice
some small negative voltages at other supply pins, such as the AVDD, DVDD, and AVCC pins. The negative
voltages at the supply pins may exceed the values listed in the Absolute Maximum Ratings table, but because
these voltages are created from intrinsic circuitry, the voltage levels are safe for operation.
In the case where all DAC outputs are in clamp state with AVEE = AVSSB = AVSSC = AVSSD = –12 V, the
negative voltage observed on the other supply pins can be as low as –620 mV.
Although these negative voltages are observed on the pins, the user must still adhere to the guidelines specified
in the Absolute Maximum Ratings table and verify that the inputs are driven within the range specified in the
table. The user should also ensure that current is only applied when operating with voltages between the ranges
listed in the Absolute Maximum Ratings table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com