Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7891 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC7891 Datasheet HTML 20Page - Texas Instruments AMC7891 Datasheet HTML 21Page - Texas Instruments AMC7891 Datasheet HTML 22Page - Texas Instruments AMC7891 Datasheet HTML 23Page - Texas Instruments AMC7891 Datasheet HTML 24Page - Texas Instruments AMC7891 Datasheet HTML 25Page - Texas Instruments AMC7891 Datasheet HTML 26Page - Texas Instruments AMC7891 Datasheet HTML 27Page - Texas Instruments AMC7891 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Start
(Reset)
Wait for
ADC Trigger
First Conversion
New Trigger
or
adc_mode
Changed?
No
Input Channel
Register been
Rewritten?
No
Is this the last conversion?
No
Convert next channel
Yes
Yes
Stop current conversion
Direct Mode
Yes
No
Yes
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
CONVERSION MODES
Two types of ADC conversions are available: direct-mode and auto-mode. adc_mode bit (AMC_config register,
bit 13) sets the conversion mode. The default conversion mode is auto-mode (adc_mode = '1').
In direct-mode conversion, each analog channel within the specified group in register ADC_enable is converted a
single time. After the last channel is converted, the ADC goes into an idle state and waits for a new trigger.
Auto-mode conversion, on the other hand, is a continuous operation. In auto-mode, each analog channel within
the specified group is converted sequentially and repeatedly.
The flow chart of the ADC conversion sequence in Figure 27 shows the conversion process.
Figure 27. ADC Conversion Sequence
24
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com