Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7924PAPR Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC7924PAPR
Description  AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7924PAPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7924PAPR Datasheet HTML 3Page - Texas Instruments AMC7924PAPR Datasheet HTML 4Page - Texas Instruments AMC7924PAPR Datasheet HTML 5Page - Texas Instruments AMC7924PAPR Datasheet HTML 6Page - Texas Instruments AMC7924PAPR Datasheet HTML 7Page - Texas Instruments AMC7924PAPR Datasheet HTML 8Page - Texas Instruments AMC7924PAPR Datasheet HTML 9Page - Texas Instruments AMC7924PAPR Datasheet HTML 10Page - Texas Instruments AMC7924PAPR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NOTES: (continued)
7.
Publication IPC-7351 may have alternate designs.
8.
Solder mask tolerances between and around signal pads can vary based on board fabrication site.
9.
This package is designed to be soldered to a thermal pad on the board. Refer to technical brief, PowerPAD Thermally Enhanced
Package, Texas Instruments Literature No. SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
EXAMPLE BOARD LAYOUT
4225982/B 07/2021
www.ti.com
HTQFP - 1.2 mm max height
PAP0064N
PLASTIC QUAD FLATPACK
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE: 8X
(11.4)
NON SOLDER MASK
DEFINED
0.05 MAX
ALL AROUND
METAL
SOLDER MASK
OPENING
( 8) NOTE 9
( 5.3)
SOLDER MASK
OPENING
64X (1.5)
64X (0.3)
60X (0.5)
(0.65) TYP
(1.3) TYP
(0.65)
TYP
(1.3)
TYP
(11.4)
SEE DETAIL
METAL COVERED
BY SOLDER MASK
SOLDER MASK
DEFINED PAD
(Ø 0.2) TYP
VIA
1
16
17
32
33
48
49
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com