Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BWSTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA381BWSTR
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWSTR Datasheet(HTML) 1 Page - STMicroelectronics

  STA381BWSTR Datasheet HTML 1Page - STMicroelectronics STA381BWSTR Datasheet HTML 2Page - STMicroelectronics STA381BWSTR Datasheet HTML 3Page - STMicroelectronics STA381BWSTR Datasheet HTML 4Page - STMicroelectronics STA381BWSTR Datasheet HTML 5Page - STMicroelectronics STA381BWSTR Datasheet HTML 6Page - STMicroelectronics STA381BWSTR Datasheet HTML 7Page - STMicroelectronics STA381BWSTR Datasheet HTML 8Page - STMicroelectronics STA381BWSTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 174 page
background image
This is information on a product in full production.
May 2013
DocID018937 Rev 7
1/174
174
STA381BWS
Sound Terminal®
2.1-channel high-efficiency digital audio system
Datasheet
- production data
Features
 Wide-range supply voltage
– 4.5 V to 25.5 V (operating range)
– 27 V (absolute maximum rating)
 I2C control with selectable device address
 Embedded full IC protection
– Manufacturing short-circuit protection (out
vs. gnd, out vs. vcc, out vs. out)
– Thermal protection
– Overcurrent protection
– Undervoltage protection
 1 Vrms stereo analog input
 I2S interface, sampling rate 32 kHz ~ 192 kHz,
with internal sampling frequency converter for
fixed processing frequency
 Three output power stage configurations
– 2.0 mode, L/R full bridges
– 2.1 mode, L/R two half-bridges, subwoofer
full bridge
– 2.1 mode, L/R full bridges, PWM output for
external subwoofer amplifier
 Driving load capabilities
– 2 x 20 W into 8
 ternary modulation
– 2 x 9 W into 4
+ 1 x 20 W into 8 
 FFXTM 100 dB dynamic range
 Fixed output PWM frequency at any input
sampling frequency
 Embedded RMS meter for measuring real-time
loudness
 Two analog outputs
– Selectable headphone / line out driver with
adjustable gain via external resistors
– New F3XTM analog output
 New fully programmable noise-gating function
 Headphone
– Embedded negative charge pump
– Full capless output configuration
– Driving load capabilities: 40 mW into 32
 Line out
– 2 Vrms line output capability
 Up to 12 user-programmable biquads with
noise-shaping technology
 Direct access to coefficients through I2C
shadowing mechanism
 Fixed (88.2 kHz / 96 kHz) internal processing
sampling rate
 Two independent DRCs configurable as a
dual-band anticlipper or independent
limiters/compressors (B2DRC)
 Digital gain/att +48 dB to -80 dB with
0.125 dB/step resolution
 Independent (fade-in, fade-out) soft volume
update with programmable rate 48 ~ 1.5 dB/ms
 Bass/treble tones control
 Audio presets: 15 crossover filters,
5 anticlipping modes, nighttime listening mode
 STSpeakerSafeTM protection circuitry
– Pre- and post-processing DC blocking
filters
– Checksum engine for filter coefficients
– PWM fault self-diagnosis
 STCompressorTM dual-band DRC
VQFN48 (7x7mm)
Table 1. Device summary
Order code
Package
Packing
STA381BWS
VQFN48
Tray
STA381BWSTR
VQFN48
Tape and Reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STA381BWSTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA381BWS STMICROELECTRONICS-STA381BWS Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
20-Jul-2012
More results

Similar Description - STA381BWSTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA350BW STMICROELECTRONICS-STA350BW Datasheet
1Mb / 86P
Sound Terminal® 2.1-channel high-efficiency digital audio system
13-Apr-2012
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
Sound Terminal® 2.1-channel high-efficiency digital audio system
04-Apr-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA381BWTR STMICROELECTRONICS-STA381BWTR Datasheet
6Mb / 174P
Sound Terminal® 2.1-channel high-efficiency digital audio system
17-May-2013
STA350B STMICROELECTRONICS-STA350B Datasheet
2Mb / 94P
2.1-channel high-efficiency digital audio system Sound TerminalR
07-Jun-2019
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com