Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA510A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA510A
Description  44 V, 5.5 A, quad power half-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA510A Datasheet HTML 7Page - STMicroelectronics STA510A Datasheet HTML 8Page - STMicroelectronics STA510A Datasheet HTML 9Page - STMicroelectronics STA510A Datasheet HTML 10Page - STMicroelectronics STA510A Datasheet HTML 11Page - STMicroelectronics STA510A Datasheet HTML 12Page - STMicroelectronics STA510A Datasheet HTML 13Page - STMicroelectronics STA510A Datasheet HTML 14Page - STMicroelectronics STA510A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID11077 Rev 4
11/21
STA510A
Technical information
21
4
Technical information
The STA510A is a dual channel H-bridge that is able to deliver 100 W per channel (into RL =
6
Ω with THD = 10% and V
CC = 36 V) of audio output power very efficiently. It operates in
conjunction with a pulse-width modulator driver such as the STA321 or STA309A.
The STA510A converts ternary-, phase-shift- or binary-controlled PWM signals into audio
power at the load. It includes a logic interface, integrated bridge drivers, high efficiency
MOSFET outputs and thermal and short-circuit protection circuitry. In differential mode
(ternary, phase-shift or binary differential), two logic level signals per channel are used to
control high-speed MOSFET switches to connect the speaker load to the input supply or to
ground in a bridge configuration, according to the damped ternary modulation operation.
In binary mode, both full bridge and half bridge modes are supported. The STA510A
includes overcurrent and thermal protection as well as an undervoltage lockout with
automatic recovery. A thermal warning status is also provided.
Figure 6. Block diagram of full-bridge DDX® or binary mode
Figure 7. Block diagram of f binary half-bridge mode
4.1
Logic interface and decode
The STA510A power outputs are controlled using one or two logic-level timing signals. In
order to provide a proper logic interface, the VL input must operate at the same voltage as
the DDX control logic supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com