Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA510FTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA510FTR
Description  44 V, 5.5 A, quad power half-bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510FTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA510FTR Datasheet HTML 18Page - STMicroelectronics STA510FTR Datasheet HTML 19Page - STMicroelectronics STA510FTR Datasheet HTML 20Page - STMicroelectronics STA510FTR Datasheet HTML 21Page - STMicroelectronics STA510FTR Datasheet HTML 22Page - STMicroelectronics STA510FTR Datasheet HTML 23Page - STMicroelectronics STA510FTR Datasheet HTML 24Page - STMicroelectronics STA510FTR Datasheet HTML 25Page - STMicroelectronics STA510FTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID014268 Rev 5
23/26
STA510F
Package information
26
Table 15. PSSO36 (slug up) mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.15
2.47
0.084
0.097
A2
2.15
2.40
0.084
0.094
a1
0
0.075
0
0.003
b
0.18
0.36
0.007
0.014
c
0.23
0.32
0.009
0.012
D (1)
1.
“D and E” do not include mold flash or protrusion. Mold flash or protrusion shall not exceed 0.15 mm
(0.006”).
10.10
10.50
0.398
0.413
E (1)
7.4
7.6
0.291
0.299
e
0.50
0.020
e3
8.50
0.035
F2.3
0.090
G
0.10
0.004
G1
0.06
0.002
H
10.10
10.50
0.398
0.413
h
0.40
0.016
L
0.55
0.85
0.022
0.033
M4.3
0.169
N
10° (max.)
10° (max.)
O1.2
0.047
Q0.8
0.031
S2.9
0.114
T
3.65
0.144
U1.0
0.039
X
4.10
4.70
0.161
0.185
Y
6.50
7.10
0.256
0.279



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com