Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA516B Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA516B
Description  65 V, 7.5 A quad power half bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA516B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA516B Datasheet HTML 9Page - STMicroelectronics STA516B Datasheet HTML 10Page - STMicroelectronics STA516B Datasheet HTML 11Page - STMicroelectronics STA516B Datasheet HTML 12Page - STMicroelectronics STA516B Datasheet HTML 13Page - STMicroelectronics STA516B Datasheet HTML 14Page - STMicroelectronics STA516B Datasheet HTML 15Page - STMicroelectronics STA516B Datasheet HTML 16Page - STMicroelectronics STA516B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID13183 Rev 7
13/21
STA516B
Technical information
21
5.2
Protection circuitry
The STA516B includes protection circuitry for overcurrent and thermal overload conditions.
A thermal warning pin (THWARN, pin 28, open drain MOSFET) is activated low when the IC
temperature exceeds 130 °C, just in advance of thermal shutdown. When a fault condition is
detected an internal fault signal immediately disables the output power MOSFETs, placing
both H-bridges in a high-impedance state. At the same time the open-drain MOSFET of pin
FAULT (pin 27) is switched on.
There are two possible modes subsequent to activating a fault.
•
Shutdown mode: with pins FAULT (with pull-up resistor) and TRISTATE separate, an
activated fault disables the device, signaling a low at pin FAULT output.
The device may subsequently be reset to normal operation by toggling pin TRISTATE
from high to low to high using an external logic signal.
•
Automatic recovery mode: This is shown in the applications circuits below where pins
FAULT and TRISTATE are connected together to a time-constant circuit (R59 and
C58).
An activated fault forces a reset on pin TRISTATE causing normal operation to resume
following a delay determined by the time constant of the circuit.
If the fault condition persists, the circuit operation repeats until the fault condition is
cleared.
An increase in the time constant of the circuit produces a longer recovery interval. Care
must be taken in the overall system design not to exceed the protection threshold
under normal operation.
5.3
Power outputs
The STA516B power and output pins are duplicated to provide a low-impedance path for the
device bridged outputs. All duplicate power, ground and output pins must be connected for
proper operation.
The PWRDN or TRISTATE pin should be used to set all power MOSFETs to the
high-impedance state during power-up until the logic power supply, VL, has settled.
5.4
Parallel output / high current operation
When using the DDX mode output, the STA516B outputs can be connected in parallel in
order to increase the output current capability to a load. In this configuration the STA516B
can provide up to 240 W into a 3
Ω load.
This mode of operation is enabled with the pin CONFIG (pin 24) connected to pin VDD. The
inputs are joined so that IN1A = IN1B, IN2A = IN2B and similarly the outputs
OUT1A = OUT1B, OUT2A = OUT2B as shown in Figure 9 on page 14
5.5
Output filtering
A passive 2nd order filter is used on the STA516B power outputs to reconstruct the analog
audio signal. System performance can be significantly affected by the output filter design
and choice of passive components. A filter design for 6 or 8
Ω loads is shown in the
application circuit of Figure 8, and for 3 or 4
Ω loads in Figure 9 and Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com