Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA518 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA518
Description  40 V, 3.5 A quad power half-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA518 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA518 Datasheet HTML 3Page - STMicroelectronics STA518 Datasheet HTML 4Page - STMicroelectronics STA518 Datasheet HTML 5Page - STMicroelectronics STA518 Datasheet HTML 6Page - STMicroelectronics STA518 Datasheet HTML 7Page - STMicroelectronics STA518 Datasheet HTML 8Page - STMicroelectronics STA518 Datasheet HTML 9Page - STMicroelectronics STA518 Datasheet HTML 10Page - STMicroelectronics STA518 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID010708 Rev 6
7/21
STA518
Pin description
21
19
GND-clean
Logical ground
20
GND-Reg
Ground for regulator Vdd
21, 22
Vdd
5 V regulator referred to ground
23
VL
Logic reference voltage
24
CONFIG
Configuration pin
25
PWRDN
Short-circuit pin
26
TRI-STATE
Hi-Z pin
27
FAULT
Fault pin advisor
28
TH_WAR
Thermal warning advisor
29
IN1A
Input of half-bridge 1A
30
IN1B
Input of half-bridge 1B
31
IN2A
Input of half-bridge 2A
32
IN2B
Input of half-bridge 2B
33, 34
Vss
5 V regulator referred to +VCC
35, 36
VCC Sign
Signal positive supply
Table 3. Functional pin status
Pin name
Pin n°
Logical value
IC - status
FAULT
27
0
Fault detected (short-circuit, or thermal)
FAULT *
27
1
Normal operation
TRI-STATE
26
0
All powers in Hi-Z state
TRI-STATE
26
1
Normal operation
PWRDN
25
0
Low consumption
PWRDN
25
1
Normal operation
TH_WAR
28
0
Temperature of the IC = 130 °C
TH_WAR (1)
1. The pin is an open collector. To have a high logic value, it needs to be pulled up by a resistor.
28
1
Normal operation
Table 2. Pin function (continued)
Pin n°
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com