Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA559BW Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA559BW
Description  5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA559BW Datasheet(HTML) 3 Page - STMicroelectronics

  STA559BW_V01 Datasheet HTML 1Page - STMicroelectronics STA559BW_V01 Datasheet HTML 2Page - STMicroelectronics STA559BW_V01 Datasheet HTML 3Page - STMicroelectronics STA559BW_V01 Datasheet HTML 4Page - STMicroelectronics STA559BW_V01 Datasheet HTML 5Page - STMicroelectronics STA559BW_V01 Datasheet HTML 6Page - STMicroelectronics STA559BW_V01 Datasheet HTML 7Page - STMicroelectronics STA559BW_V01 Datasheet HTML 8Page - STMicroelectronics STA559BW_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
DocID18190 Rev 3
3/67
STA559BW
Contents
67
6.1
Configuration registers (addr 0x00 to 0x05) . . . . . . . . . . . . . . . . . . . . . . . 22
6.1.1
Configuration register A (addr 0x00) . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
6.1.2
Configuration register B (addr 0x01) . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
6.1.3
Configuration register C (addr 0x02) . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
6.1.4
Configuration register D (addr 0x03) . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
6.1.5
Configuration register E (addr 0x04) . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
6.1.6
Configuration register F (addr 0x05) . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
6.2
Volume control registers (addr 0x06 - 0x0A) . . . . . . . . . . . . . . . . . . . . . . 40
6.2.1
Mute/line output configuration register (addr 0x06) . . . . . . . . . . . . . . . . 41
6.2.2
Master volume register (addr 0x07) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
6.2.3
Channel 1 volume (addr 0x08) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
6.2.4
Channel 2 volume (addr 0x09) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
6.2.5
Channel 3 / line output volume (addr 0x0A) . . . . . . . . . . . . . . . . . . . . . 42
6.3
Audio preset registers (addr 0x0B and 0x0C) . . . . . . . . . . . . . . . . . . . . . 43
6.3.1
Audio preset register 1 (addr 0x0B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
6.3.2
Audio preset register 2 (addr 0x0C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
6.4
Channel configuration registers (addr 0x0E - 0x10) . . . . . . . . . . . . . . . . . 45
6.5
Tone control register (addr 0x11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
6.6
Dynamic control registers (addr 0x12 - 0x15) . . . . . . . . . . . . . . . . . . . . . 47
6.6.1
Limiter 1 attack/release rate (addr 0x12) . . . . . . . . . . . . . . . . . . . . . . . . 47
6.6.2
Limiter 1 attack/release threshold (addr 0x13) . . . . . . . . . . . . . . . . . . . 47
6.6.3
Limiter 2 attack/release rate (addr 0x14) . . . . . . . . . . . . . . . . . . . . . . . . 48
6.6.4
Limiter 2 attack/release threshold (addr 0x15) . . . . . . . . . . . . . . . . . . . 48
6.6.5
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
6.7
User-defined coefficient control registers (addr 0x16 - 0x26) . . . . . . . . . . 52
6.7.1
Coefficient address register (addr 0x16) . . . . . . . . . . . . . . . . . . . . . . . . 52
6.7.2
Coefficient b1 data register bits (addr 0x17 - 0x19) . . . . . . . . . . . . . . . . 53
6.7.3
Coefficient b2 data register bits (addr 0x1A - 0x1C) . . . . . . . . . . . . . . . 53
6.7.4
Coefficient a1 data register bits (addr 0x1D - 0x1F) . . . . . . . . . . . . . . . 53
6.7.5
Coefficient a2 data register bits (addr 0x20 - 0x22) . . . . . . . . . . . . . . . . 53
6.7.6
Coefficient b0 data register bits (addr 0x23 - 0x25) . . . . . . . . . . . . . . . . 54
6.7.7
Coefficient read/write control register (addr 0x26) . . . . . . . . . . . . . . . . . 54
6.7.8
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
6.8
Variable max power correction registers (addr 0x27 - 0x28) . . . . . . . . . . 59
6.9
Distortion compensation registers (addr 0x29 - 0x2A) . . . . . . . . . . . . . . . 59
6.10
Fault detect recovery constant registers (addr 0x2B - 0x2C) . . . . . . . . . . 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com