Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7266 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7266
Description  7 7 W dual bridge amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7266 Datasheet HTML 9Page - STMicroelectronics TDA7266 Datasheet HTML 10Page - STMicroelectronics TDA7266 Datasheet HTML 11Page - STMicroelectronics TDA7266 Datasheet HTML 12Page - STMicroelectronics TDA7266 Datasheet HTML 13Page - STMicroelectronics TDA7266 Datasheet HTML 14Page - STMicroelectronics TDA7266 Datasheet HTML 15Page - STMicroelectronics TDA7266 Datasheet HTML 16Page - STMicroelectronics TDA7266 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
7.1
Multiwatt15 V package information
Figure 16. Multiwatt15 V package outline
Table 4. Multiwatt15 V package mechanical data
Symbol
Milimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700
0.710
H1
19.6
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.870
0.886
L2
17.65
18.1
0.695
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.63
5.08
5.53
0.182
0.200
0.218
S
1.9
2.6
0.075
0.102
TDA7266
Multiwatt15 V package information
DS0184 - Rev 11
page 13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com