Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7294 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7294
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7294_V01 Datasheet HTML 22Page - STMicroelectronics TDA7294_V01 Datasheet HTML 23Page - STMicroelectronics TDA7294_V01 Datasheet HTML 24Page - STMicroelectronics TDA7294_V01 Datasheet HTML 25Page - STMicroelectronics TDA7294_V01 Datasheet HTML 26Page - STMicroelectronics TDA7294_V01 Datasheet HTML 27Page - STMicroelectronics TDA7294_V01 Datasheet HTML 28Page - STMicroelectronics TDA7294_V01 Datasheet HTML 29Page - STMicroelectronics TDA7294_V01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
12.2
Multiwatt15 H package information
Figure 32. Multiwatt15 H package outline
Table 5. Multiwatt15 H mechanical data
Dim.
mm
Min.
Typ.
Max.
A
5.00
B
2.65
C
1.60
E
0.49
0.55
F
0.66
0.75
G
1.02
1.27
1.52
G1
17.53
17.78
18.03
H1
19.60
20.20
H2
19.60
20.20
L1
17.80
18.0
18.20
L2
2.30
2.50
2.80
L3
17.25
17.50
17.75
L4
10.3
10.70
10.90
L5
2.70
3.00
3.30
L7
2.65
2.90
R
1.50
S
1.90
2.60
S1
1.90
2.60
Diam. 1
3.65
3.85
TDA7294
Multiwatt15 H package information
DS0013 - Rev 8
page 26/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com