Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7449 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7449
Description  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7449_V01 Datasheet HTML 1Page - STMicroelectronics TDA7449_V01 Datasheet HTML 2Page - STMicroelectronics TDA7449_V01 Datasheet HTML 3Page - STMicroelectronics TDA7449_V01 Datasheet HTML 4Page - STMicroelectronics TDA7449_V01 Datasheet HTML 5Page - STMicroelectronics TDA7449_V01 Datasheet HTML 6Page - STMicroelectronics TDA7449_V01 Datasheet HTML 7Page - STMicroelectronics TDA7449_V01 Datasheet HTML 8Page - STMicroelectronics TDA7449_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID006317 Rev 5
3/21
TDA7449
Overview
21
1
Overview
Figure 2. Pin connections
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
10.5
V
Tamb
Operating ambient temperature
0 to 70
C
Tstg
Storage temperature range
-55 to 150
C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rth j-pin
Thermal resistance junction pins
85
°C/W
Table 4. Quick reference data
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply voltage
6
9
10.2
V
VCL
Max input signal handling
2
VRMS
THD
Total harmonic distortion V = 0.1 Vrms f = 1 kHz
0.01
0.1
%
S/N
Signal-to-noise ratio Vout = 1 Vrms (mode = OFF)
106
dB
SC
Channel separation f = 1 KHz
90
dB
Input gain (2 dB step)
0
30
dB
Volume control (1 dB step)
-47
0
dB
Treble control (2 dB step)
-14
14
dB
Bass control (2 dB step)
-14
14
dB
Balance control 1 dB step
-79
0
dB
Mute attenuation
100
dB
CREF
VS
PGND
ROUT
LOUT
R_IN1
R_IN2
L_IN1
L_IN2
1
3
2
4
5
6
7
8
9
BIN(R)
BOUT(R)
BOUT(L)
TREBLE(L)
BIN(L)
TREBLE(R)
DIG_GND
SCL
SDA
20
19
18
17
16
14
15
13
12
D98AU848
MUXOUT(L)
10
MUXOUT(R)
11
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com