Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCPWR12FTEO1004 Datasheet(PDF) 7 Page - Multicomp Pro

Part # MCPWR12FTEO1004
Description  Chip Resistors Pulse Withstanding
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCPWR12FTEO1004 Datasheet(HTML) 7 Page - Multicomp Pro

  MCPWR12FTEO1004 Datasheet HTML 1Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 2Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 3Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 4Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 5Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 6Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 7Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page <7>
V1.0
19/11/19
Chip Resistors
Pulse Withstanding
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Code
A
B
C
D
E
F
G
X
Y
Multiplier
100
101
102
103
104
105
106
10-1
10-2
Recommend Land Pattern
Type
A
(mm)
B
(mm)
C
(mm)
0402
0.5
0.45
0.6
0603
0.9
0.6
0.9
0805
1.2
0.7
1.3
1206
2
0.9
1.6
1210
2
0.9
2.8
2010
3.8
0.9
2.8
2512
4.9
1
3.4
Lightning Surge
Resistors are tested in accordance with IEC 60 115-1 using both 1.2/50us and 10/700 pulse shapes.
The limit of acceptance is a shift in resistance of less than 1% from the initial value.
Pulse Withstanding Capacity
The single impulse graph is the result of 50 impulses of rectangular shape applied at one-minute intervals.
The limit of acceptance was a shift in resistance of less than 1% from the initial value.
The power applied was subject to the restrictions of the maximum permissible impulse voltage graph shown.
MCPWR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com