Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

136-080 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # 136-080
Description  FLAT AND ROUND CABLE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

136-080 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button 136-080 Datasheet HTML 8Page - TE Connectivity Ltd 136-080 Datasheet HTML 9Page - TE Connectivity Ltd 136-080 Datasheet HTML 10Page - TE Connectivity Ltd 136-080 Datasheet HTML 11Page - TE Connectivity Ltd 136-080 Datasheet HTML 12Page - TE Connectivity Ltd 136-080 Datasheet HTML 13Page - TE Connectivity Ltd 136-080 Datasheet HTML 14Page - TE Connectivity Ltd 136-080 Datasheet HTML 15Page - TE Connectivity Ltd 136-080 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
IDC Systems
Flat Ribbon Cables
112
Thomas & Betts Electronics/OEM Division Tel: 901-252-5000 Fax: 901-252-1312
Dimensions shown are for reference only. Dimensions are in millimeters (inches).
.025" PITCH GROUND PLANE FLAT CABLE
198 SERIES
(30 AWG SOLID PVC)
PHYSICAL PROPERTIES
INSULATION MATERIAL: Flexible PVC
COLOR: Blue/Grey
CONDUCTORS AND PLANE WIRE: 30 AWG, solid bare copper
GROUND PLANE: Expanded copper mesh, .13 (.005) thick
ELECTRICAL PROPERTIES
VOLTAGE RATING: 300V rms
INSULATION RESISTANCE: >1010 Ohms/3m (10 ft.)
IMPEDANCE (GSG SHIELDED GROUND): 65 Ohms
CAPACITANCE @ 1 MHZ: 98.4 pF/m (30.0 pF/ft.)
INDUCTANCE @ 1 MHZ: .46 µH/m (.14 µH/ft.)
PROPOGATION DELAY: 5.41 nSec/m (1.65 nSec/ft.)
ENVIRONMENTAL PROPERTIES
TEMPERATURE RATING: –20˚ C to 105˚ C
APPLICATION TOOLING
CABLE CUTTER: 779-5030M
FEATURES
• Ground plane structure provides increased signal density
and improved transmission characteristics
• Ground plane can be removed by hand for easy
connector application
PACKAGING
STANDARD: Splice free 100 foot rolls
UL Style No. 2682
UL94VW-1 COMPLIANT
Ordering Information
NUMBER OF
CATALOG
DIMENSIONS
CONDUCTORS
NUMBER
A
B
20
198-020
12.70 (.500)
12.07 (.475)
26
198-026
16.51 (.650)
15.88 (.625)
40
198-040
25.40 (1.000)
24.77 (.975)
50
198-050
31.75 (1.250)
31.12 (1.225)
60
198-060
38.10 (1.500)
37.47 (1.475)
68
198-068
43.18 (1.700)
42.55 (1.675)
80
198-080
50.80 (2.000)
50.17 (1.975)
100
198-100
63.50 (2.500)
62.87 (2.475)
LL53375
E41651



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com