Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETS12S Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # 10ETS12S
Description  INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

10ETS12S Datasheet(HTML) 7 Page - Interpoint Corporation Company

  10ETS12S Datasheet HTML 1Page - Interpoint Corporation Company 10ETS12S Datasheet HTML 2Page - Interpoint Corporation Company 10ETS12S Datasheet HTML 3Page - Interpoint Corporation Company 10ETS12S Datasheet HTML 4Page - Interpoint Corporation Company 10ETS12S Datasheet HTML 5Page - Interpoint Corporation Company 10ETS12S Datasheet HTML 6Page - Interpoint Corporation Company 10ETS12S Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Bulletin I2206 03/05
10ETS12SPbF SAFE
IR Series
www.irf.com
10
E
T
S
12
S
TR PbF
Device Code
1
5
2
4
3
Ordering Information Table
6
7
1
-
Current Rating (10 = 10A)
2
-
Circuit Configuration
E = Single Diode
3
-
Package
T = TO-220AC
4
-
Type of Silicon
S = Standard Recovery Rectifier
5
-
Voltage Rating (12 = 1200V)
6
-
S = TO-220 D2Pak (SMD-220) Version
7
-
none = Tube
TRL = Tape & Reel (Left Oriented)
TRR = Tape & Reel (Right Oriented)
8
-
none = Standard Production
PbF = Lead-Free
8
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 03/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com