Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV8F2Y011201M11 Datasheet(PDF) 3 Page - E-SWITCH

Part # PV8F2Y011201M11
Description  PV8 Series Anti-va ndal Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV8F2Y011201M11 Datasheet(HTML) 3 Page - E-SWITCH

  PV8F2Y011201M11 Datasheet HTML 1Page - E-SWITCH PV8F2Y011201M11 Datasheet HTML 2Page - E-SWITCH PV8F2Y011201M11 Datasheet HTML 3Page - E-SWITCH PV8F2Y011201M11 Datasheet HTML 4Page - E-SWITCH PV8F2Y011201M11 Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.e-switch.com
800.867.2717
3
PV8 SerieS Anti-VAndAl Switch
MoMeMtary
Function “y” and “V”
SHEET OF
2
4
PV8 Catalog Drawing 10/25/2017
RECOMMENDED PANEL CUTOUT
MAX. PANEL THICKNESS 12mm
25.00
- .00
.20
+
.984 -.000
.008
+
in
[
]
Momentary
FUNCTION "Y" and "V"
ACTUATOR
RING ILLUMINATION
(Optional)
19.80
[.78 in]
15.50
[.61 in]
28.00
[1.102 in]
12.20
[.48 in]
BODY
28.0 1.0
1.10.04 in
[
]
2.0
[.08 in]
TERMINAL 2b
TERMINAL 3a
TERMINAL 1a
TERMINAL 1b
TERMINAL 4b
(
-)
TERMINAL 3b
TERMINAL 2a
(
+)
TERMINAL 4a
DOT DENOTES LED COLOR
M25x1.0
38.41.0
1.51.04 in
[
]
7.00
[.276 in]
13.60
[.535 in]
1a
3a
1b
3b
2a
4a
2b
4b
DPDT ON (OFF) / OFF (ON)
CONTACT CONFIGURATION
(FORWARD)
(REVERSE)
(+)
(-)
+
+
-
-
1a
3a
2a
4a
SPDT ON (OFF) / OFF (ON)
CONTACT CONFIGURATION
(FORWARD)
(REVERSE)
(+)
(-)
+
+
-
-
* DPDT (Function "V") Terminals 1a - 4a and 1b - 4b (AS SHOWN)
SPDT (Function "Y") Terminals 1a - 4a
Terminals (-) and (+) used with Illuminated option only
1a
3a
1b
3b
2a
4a
2b
4b
DPDT ON (OFF) / OFF (ON)
CONTACT CONFIGURATION
1a
3a
2a
4a
SPDT ON (OFF) / OFF (ON)
CONTACT CONFIGURATION
ILLUMINATED
FUNCTION "V"
ILLUMINATED
FUNCTION "Y"
NON-ILLUMINATED
FUNCTION "V"
NON-ILLUMINATED
FUNCTION "Y"
ScheMatic
PaneL cutout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com