Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2425753 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2425753
Description  ALCOSWITCH SEALED TACTILE SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2425753 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2425753 Datasheet HTML 1Page - TE Connectivity Ltd 2425753 Datasheet HTML 2Page - TE Connectivity Ltd 2425753 Datasheet HTML 3Page - TE Connectivity Ltd 2425753 Datasheet HTML 4Page - TE Connectivity Ltd 2425753 Datasheet HTML 5Page - TE Connectivity Ltd 2425753 Datasheet HTML 6Page - TE Connectivity Ltd 2425753 Datasheet HTML 7Page - TE Connectivity Ltd 2425753 Datasheet HTML 8Page - TE Connectivity Ltd 2425753 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ALCOSWITCH SEALED TACTILE SWITCHES
INTRODUCTION
TE Connectivity’s Alcoswitch Sealed Tactile Switches are a
comprehensive line of high-quality electromechanical components
designed to deliver reliable tactile feedback and environmental
protection in a wide range of applications. Engineered for durability
and precision, these switches feature an IP67-sealed construction,
protecting against dust, water, and other contaminants—ideal for
demanding operating conditions.
The product family includes a broad selection of ultra-miniature,
low-profile, and compact designs, available in both surface mount
and through-hole configurations. To meet varying design and
performance requirements, the Alcoswitch range offers multiple
options for:
•
Actuation force (light to heavy press feel)
•
Actuator height and orientation (vertical or right-angle)
•
Actuator travel distance (short or extended travel)
•
Lifecycle durability (standard to high-cycle applications)
•
Case materials and colors (for mechanical strength and design
differentiation)
•
Actuator materials and colors (to match tactile needs and
visual styling)
APPLICATIONS
•
Consumer Electronics: Remote controls, handheld devices, earbuds, wearables
•
Industrial Equipment: Operator panels, automation systems, test stations
•
Automotive: Interior switches, infotainment interfaces, control knobs
•
Medical Devices: Diagnostic tools, patient monitors, portable electronics
•
Home Appliances: Touch panels, control boards, smart home interfaces
•
Telecom & Networking: Server equipment, switches, routers
•
Instrumentation: Portable meters, control keypads, panel interfaces
This high degree of customization enables integration into both
consumer-facing and industrial-grade interfaces while maintaining
a compact footprint and reliable electrical performance.
1977265
2506471
2506476
2506477
2506474
2506465
2506467
2506469
2506470
2506472
2506473
2425753
2506475


Similar Part No. - 2425753

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2425753 TEC-2425753 Datasheet
2Mb / 9P
ALCOSWITCH SEALED TACTILE SWITCHES
More results

Similar Description - 2425753

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
Tactile Switches
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
Tactile Switches
logo
Omron Electronics LLC
B3W-9 OMRON-B3W-9 Datasheet
875Kb / 10P
Illuminated Tactile Switches
logo
GREATECS
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
7.2 x 7.2 mm Sealed Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
Tactile Switches
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
Sealed Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
Tactile Switches
logo
TE Connectivity Ltd
1-1773878-5 TEC-1-1773878-5 Datasheet
225Kb / 3P
ALCOSWITCH ILLUMINATED TACTILE SWITCH SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com