Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6321 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6321
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 3Page - Texas Instruments LMH6321 Datasheet HTML 4Page - Texas Instruments LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments LMH6321 Datasheet HTML 10Page - Texas Instruments LMH6321 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
6.6 Electrical Characteristics: Wide-Bandwidth Mode for SOIC Package
at TA = 25°C, VS = ±15 V, BW pin connected to V–, and RL = 100 Ω connected to mid-supply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
Bandwidth, –3 dB
RL = 1 kΩ
210
MHz
RL = 100 Ω
200
Bandwidth for 0.1-dB flatness
VO = 10 mVPP, RL = 100 Ω, RS = 50 Ω
50
MHz
SR
Slew rate
VO = 20-V step, VIN-SR = 4000 V/µs
3750
V/µs
Rise and fall time
VO = 200-mV step
1.3
ns
Settling time to 0.1%
VO = 20-V step, VIN-SR = 2500 V/µs
90
ns
Settling time to 1%
VO = 20-V step, VIN-SR = 2500 V/µs
20
ns
en
Voltage noise
f = 1 kHz
3.4
nV/√Hz
in
Current noise
f = 100 kHz
0.85
pA/√Hz
HD2
2nd-harmonic distortion
VO = 2 VPP, f = 20 kHz
–77
dBc
VO = 10 VPP, f = 20 kHz
–69
HD3
3rd-harmonic distortion
VO = 2 VPP, f = 20 kHz
–77
dBc
VO = 10 VPP, f = 20 kHz
–56
DC PERFORMANCE
VOS
Input offset voltage
TA = 25℃
36
65
mV
Input offset voltage drift(1)
TA = –40℃ to 125℃
175
µV/
℃
IB
Input bias current
VIN = 0 V
0.25
2
µA
G
Gain
VO = ±10 V, RL = 1 kΩ
0.95
0.99
V/V
VO = ±10 V, RL = 100 Ω
0.93
0.95
VO = ±10 V, RL = 67 Ω
0.91
0.93
INPUT
Linear input voltage range
RL = 1 kΩ, IB < 10 µA
–13
13
V
ZIN
Input impedance
RL = 100 Ω
180 || 5
MΩ || pF
OUTPUT
Output headroom to supplies
IO = ±10 mA
1.6
1.8
V
IO = ±100 mA
2.0
2.2
IO = ±150 mA
2.2
2.5
IO
Current output, continuous
±250
mA
ISC
Short-circuit current
±375
±550
mA
ZO
Output impedance
DC, IO = 10 mA
5
Ω
POWER SUPPLY
VS
Operating voltage range
±2.25
±18
V
IQ
Quiescent current
IO = 0 mA
8.5
12
mA
PSRR
Power-supply rejection ratio
VS = ±2.25 V to ±18 V
64
75
dB
THERMAL SHUTDOWN
Thermal shutdown
temperature
180
℃
(1)
Based on electrical characterization over temperature of 35 devices.
www.ti.com
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com