Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV3F2B0SSG201 Datasheet(PDF) 5 Page - E-SWITCH

Part # PV3F2B0SSG201
Description  PV3 Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV3F2B0SSG201 Datasheet(HTML) 5 Page - E-SWITCH

  PV3F2B0SSG201 Datasheet HTML 1Page - E-SWITCH PV3F2B0SSG201 Datasheet HTML 2Page - E-SWITCH PV3F2B0SSG201 Datasheet HTML 3Page - E-SWITCH PV3F2B0SSG201 Datasheet HTML 4Page - E-SWITCH PV3F2B0SSG201 Datasheet HTML 5Page - E-SWITCH PV3F2B0SSG201 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.e-switch.com
800.867.2717
5
RoHS
PV3 SerieS Anti-VAndAl Switch
Body dimensions
SHEET OF
4
5
PV3 Catalog Drawing
6/1/2017
MAX. PANEL
THICKNESS 1-14.0mm
3
6
(+)
(+)
(-)
6 5 4
10.40
[.409 in]
12.00
[.472 in]
SHOWN WITH
OPTIONAL
ILLUMINATED RING
18.00
[.709 in]
18.5
[.73 in]
30.2
[1.19 in]
.8
[.03 in]
1.8
[.07 in]
2.0
[.08 in]
36.0 1.0
1.42.04 in
[
]
5.0
[.20 in]
LED 1 (+)
(ILLUMINATED ONLY)
TERMINAL 2
TERMINAL 6
TERMINAL 5
TERMINAL 4
LED 2 (-)
(ILLUMINATED ONLY)
TERMINAL 3
TERMINAL 1
M16x1.0
37.1 1.0
1.46.04 in
[
]
9.0
[.35 in]
2.8
[.11 in]
.4
[.02 in]
4
5
4
6
-
+
(-)
LED 1 (FORWARD)
(+)
+
-
LED 2 (REVERSE)
DPDT ON-(ON)
CONTACT CONFIGURATION
(ILLUMINATED)
2
1
3
1
LONG BODY
BODY DIMENSIONS
16.00
[.630 in]
schematic
Panel cutout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com