Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A720T1E-1 Datasheet(PDF) 4 Page - Mersen

Part # A720T1E-1
Description  0.625kV – 15.5kV FERRULE MOUNTED FUSES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A720T1E-1 Datasheet(HTML) 4 Page - Mersen

  A720T1E-1 Datasheet HTML 1Page - Mersen A720T1E-1 Datasheet HTML 2Page - Mersen A720T1E-1 Datasheet HTML 3Page - Mersen A720T1E-1 Datasheet HTML 4Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MERSEN.COM
MV 42
MEDIUM VOLTAGE
FUSES
7.2kV / 8.25kV / 15.5kV FERRULE MOUNTED FUSES:
7.2kV Potential Transformer fuses – Amp-Trap Series
8.88" (227 mm) Clip Centers
Catalog No.
Amp
Rating
Indicating
Diameter
Inches
(mm)
Length
Inches
(mm)
Ferrule Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
A720T1/2E-1
0.5A
No
0.812
(20.6)
9.5 (241)
0.625 (15.9)
7.2kV
50kA
C08917P
–
–
A720T3/4-1
0.75A
A720T1E-1
1A
A720T2E-1
2A
A720T3E-1
3A
Catalog No.
Amp
Rating
Indicating
Diameter
Inches
(mm)
Length
Inches
(mm)
Ferrule Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
9F60BDE905
0.5A
Yes
1.562
(40)
9.5 (241)
1.31 (33.3)
8.25 kV
80kA
9F61BWW460
9F61BNW450
9F61ABG101
9F60BDE001
1A
9F60BDE002
2A
9F60BDE003
3A
8.25kV Potential Transformer fuses – 9F60 Series, EJ-1
8.12" (206 mm) Clip Centers
15.5kV Potential Transformer fuses – 9F60 Series, EJ-1
11.5" (292 mm) Clip Centers
Catalog No.
Amp
Rating
Indicating
Diameter
Inches
(mm)
Length
Inches
(mm)
Ferrule Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
9F60BHH905
0.5A
Yes
1.562
(40)
12.875
(327)
1.31 (33.3)
15.5 kV
120kA
9F61BWW460
9F61BNW450
9F61ADG101
(13.8kV nominal -
95 kV BIL)
9F61ADJ101
(14.4kV nominal -
110kV BIL)
9F60BHH001
1A
9F60BHH002
2A
9F60BHH003
3A
*Use two clips per fuse
Potential Transformer
Amp-Trap® and 9F60 Series PT Fuses



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com