Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6712 Datasheet(PDF) 16 Page - MOSA ELECTRONICS

Part # MS6712
Description  4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6712 Datasheet(HTML) 16 Page - MOSA ELECTRONICS

Back Button MS6712 Datasheet HTML 9Page - MOSA ELECTRONICS MS6712 Datasheet HTML 10Page - MOSA ELECTRONICS MS6712 Datasheet HTML 11Page - MOSA ELECTRONICS MS6712 Datasheet HTML 12Page - MOSA ELECTRONICS MS6712 Datasheet HTML 13Page - MOSA ELECTRONICS MS6712 Datasheet HTML 14Page - MOSA ELECTRONICS MS6712 Datasheet HTML 15Page - MOSA ELECTRONICS MS6712 Datasheet HTML 16Page - MOSA ELECTRONICS MS6712 Datasheet HTML 17Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MOSA
MS6712
4 Stereo Inputs / 4-Channel Outputs Audio Processor
REV1.0
16
www.mosanalog.com
IR Controller
IN1, IN2, IN3, IN4 : Select Stereo Input.
IN1, 2, 3, 4 represents Stereo Input 1, 2, 3, 4. The active input will be indicated by the LEDs.
VOL+, VOL- : The volume control keys.
The volume control in 1.5dB/step as the switch is pressed once, the range is –79dB to 0dB.
LF-speaker , RF-speaker, LR-speaker, and RR-speaker are synchronic action.
Gain+, Gain- : The gain control keys for stereo input.
The gain control in 3.75dB/step as the switch is pressed once, the range is 0dB to 11.25dB.
LF+, LF- : The attenuation control keys for Left-Front speaker.
The attenuation in 1.25dB/step as the switch is pressed once, the range is -37.5dB to 0dB.
RF+, RF- : The attenuation control keys for Right-Front speaker.
The attenuation in 1.25dB/step as the switch is pressed once, the range is -37.5dB to 0dB.
LR+, LR- : The attenuation control keys for Left-Rear speaker.
The attenuation in 1.25dB/step as the switch is pressed once, the range is -37.5dB to 0dB.
RR+, RR- : The attenuation control keys for Right-Rear speaker.
The attenuation in 1.25dB/step as the switch is pressed once, the range is -37.5dB to 0dB.
TRE+, TRE- : The treble control keys.
The treble control in 2dB/step as the switch is pressed once, the range is –14dB to 14dB.
BAS+, BAS- : The bass control keys.
The bass control in 2dB/step as the switch is pressed once, the range is -14dB to 14dB.
Loud : The loudness key
Press the key once to set loudness on or loudness off.
Mute : The mute key controls all output speaker outputs
Press the key once to set mute-on or mute-off for four speaker outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com